Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF442CD Datasheet(PDF) 6 Page - ON Semiconductor

Part # LF442CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF442CD Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LF442CD Datasheet HTML 2Page - ON Semiconductor LF442CD Datasheet HTML 3Page - ON Semiconductor LF442CD Datasheet HTML 4Page - ON Semiconductor LF442CD Datasheet HTML 5Page - ON Semiconductor LF442CD Datasheet HTML 6Page - ON Semiconductor LF442CD Datasheet HTML 7Page - ON Semiconductor LF442CD Datasheet HTML 8Page - ON Semiconductor LF442CD Datasheet HTML 9Page - ON Semiconductor LF442CD Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LF441C LF442C LF444C
6
MOTOROLA ANALOG IC DEVICE DATA
–PSR
Figure 17. Common Mode Rejection
versus Frequency
Figure 18. Power Supply Rejection
versus Frequency
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
+
∆VCM
∆VO
CMR = 20 Log
∆VCM
∆VO
x ADM
()
ADM
∆VCC
∆VO
∆VEE
+PSR
(
∆VCC = ±1.5 V)
(
∆VEE=±1.5 V)
–
+
ADM
∆VCC
+PSR = 20 Log
∆VO /ADM
∆VEE
–PSR = 20 Log
∆VO /ADM
)
)
(
(
10 mV
Figure 19. Input Noise Voltage versus Frequency
Figure 20. Open Loop Voltage
Gain versus Supply Voltage
Figure 21. Output Impedance versus Frequency
Figure 22. Inverter Settling Time
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
VCC,  VEE , SUPPLY VOLTAGE (V)
ts, SETTLING TIME (µs)
70
60
50
40
30
20
10
0
10
100
1.0 k
10 k
100 k
1.0 M
100 k
10 k
0
5.0
10
15
20
25
350
300
250
200
150
100
50
0
100
1.0k
10k
100k
1.0M
10
5.0
0
–5.0
–10
0.1
1.0
10
RL = 10 kΩ
125
°C
–55
°C
10 mV
1.0 mV
1.0 mV
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
VCM = 0 V
TA = 25°C
25
°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
AV = 100
AV = 10
AV = 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com