Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-2440-TWT-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-2440-TWT-R
Description  24mm diameter piezo-electric transducer with thru-hole pins
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-2440-TWT-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-2440-TWT-R Datasheet HTML 1Page - PUI audio inc. AT-2440-TWT-R Datasheet HTML 2Page - PUI audio inc. AT-2440-TWT-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
AT-2440-TWT-R
24mm Transducer
Product Overview

s
,
E
t
Z
Frequency Response (3Vp-p @ 0.1 meters)
3541 Stop Eight Road • Dayton, Ohio 45414
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - AT-2440-TWT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-2440-TWT-R PUI-AT-2440-TWT-R Datasheet
198Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - AT-2440-TWT-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
Piezo Electric VCO
logo
Projects Unlimited, Inc...
SMT-1141-T-3-R PUI-SMT-1141-T-3-R Datasheet
145Kb / 1P
Transducer (Piezo)
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2225-T-R PUI-SMT-2225-T-R Datasheet
223Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
PUI audio inc.
AT-2310-T-LW100-R PUIAUDIO-AT-2310-T-LW100-R Datasheet
419Kb / 3P
22.5mm diameter piezo-dldctric transducer
AT-2830-TWT-R PUIAUDIO-AT-2830-TWT-R Datasheet
582Kb / 3P
28.5mm diameter piezo-electric transducer with thru-hole pins
AT-3045-TF-LW110-R PUIAUDIO-AT-3045-TF-LW110-R Datasheet
529Kb / 3P
30mm diameter piezo-electric transducer with 110mm 28 AWG UL 1095 wire leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com