Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUM-5247L-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AUM-5247L-C3310-R
Description  Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AUM-5247L-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  AUM-5247L-C3310-R Datasheet HTML 1Page - PUI audio inc. AUM-5247L-C3310-R Datasheet HTML 2Page - PUI audio inc. AUM-5247L-C3310-R Datasheet HTML 3Page - PUI audio inc. AUM-5247L-C3310-R Datasheet HTML 4Page - PUI audio inc. AUM-5247L-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AUM-5247L-C3310-R
PUI Audio’s unidirectional electret condenser microphones (ECMs)—also known
as cardioid microphones—are purpose-built to only capture sound from one
direction. Four holes on the rear of the microphone capsule focus the sweet spot
of the microphone’s polar pattern to directly in front of the microphone.
Excellent for use in recording a single acoustic source, unidirectional
microphones are great as boom microphones to record sound at distance,
rejecting unwanted noise, or are used in pairs for two-channel stereo recording.
Features:
•
9.7mm diameter
•
5mm height
•
-47 dB sensitivity @ 50cm
•
>55 dB signal-to-noise ratio
•
Cardioid shaped polar pattern for focused acoustic pickup
•
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-47 ±3
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
0.68
kΩ
Current consumption
(2VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
>55
dB
Decreasing Voltage (2VS to 1.5VS)
-3
dB
Frequency Range (@ 50cm, -10 dB)
20 ~ 20,000**
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity*
Unidirectional
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams
*Minimum -12 dB drop in output at 180°±20° at 1 kHz **On-axis 0° measurement


Similar Part No. - AUM-5247L-C3310-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AUM-5247L-R PUI-AUM-5247L-R Datasheet
125Kb / 1P
MICROPHONE
More results

Similar Description - AUM-5247L-C3310-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD142 PHILIPS-BZD142 Datasheet
55Kb / 8P
ZenBlockTM; zener with integrated blocking diode
2000 Dec 19
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
Integrated Analog Device for GSM and GPRS Applications
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
GPIO-BUZZ
logo
Wurth Elektronik GmbH &...
177920534 WURTH-177920534 Datasheet
1Mb / 21P
Integrated capacitors and transformer
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Vishay Siliconix
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11 Datasheet
145Kb / 3P
Ultra low buzz noise, due to composite construction
12-Sep-16
logo
PUI audio inc.
PNM-3550L-C3310-R PUIAUDIO-PNM-3550L-C3310-R Datasheet
574Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-5050L-C3310-R PUIAUDIO-PNM-5050L-C3310-R Datasheet
560Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-5054L-C3310-R PUIAUDIO-PNM-5054L-C3310-R Datasheet
558Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com