Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRX47UBWDEXP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRX47UBWDEXP
Description  47U Wide Server Rack, Euro-Series - 800 mm Width, Expandable Cabinet, Side Panels Not Included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRX47UBWDEXP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRX47UBWDEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRX47UBWDEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRX47UBWDEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Meets Payment Card Industry Standards
The SRX47UBWDEXP provides physical equipment and media security required for PCI DSS (Payment
Card Industry Data Security Standard) compliance. This is essential for companies that process, store
and/or transmit credit card information.
OVERVIEW
UPC Code
037332221650
PHYSICAL
Rack Height
47U
Maximum Device Depth (in.)
33.46
Maximum Device Depth (cm)
84.99
Minimum Device Depth (in.)
4
Minimum Device Depth (cm)
10.16
Shipping Dimensions (hwd / in.)
97.20 x 33.46 x 42.85
Shipping Weight (lbs.)
341.00
Shipping Weight (kg)
154.67
Unit Dimensions (hwd / in.)
87.200 x 31.496 x 41.260
Unit Dimensions (hwd / cm)
221.49 x 80.00 x 104.80
Unit Weight (lbs.)
298.000
Unit Weight (kg)
135.17
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1,361
Weight Capacity - Rolling (kg)
1,021
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.5
Factory Preset Rack Depth (mm)
705
Maximum Device Depth (mm)
850
Minimum Device Depth (mm)
102
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
CERTIFICATIONS
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com