Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U022-006-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U022-006-R
Description  USB 2.0 A/B Cable (M/M), 6-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U022-006-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U022-006-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U022-006-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
USB 2.0 A/B Cable (M/M), 6-ft.
MODEL NUMBER: U022-006-R
Make the connection between a USB device and your computer's USB port. This USB 2.0 A/B Gold
Device Cable assures that you get maximum performance from USB 2.0 devices (e.g. printers, external
hard drives). It supports fast data transfer rates of up to 480 Mbps, and is backward compatible with USB
1.1.
Description
Tripp Lite's 6-ft. gold USB 2.0 A/B device cable meets or exceeds USB 2.0 specifications. Connects a
USB device to a USB port on a computer or hub. Backward compatible - can be used with older USB 1.1
applications as well. All Tripp Lite USB 2.0 cabling include superior foil shielding for reliable, error-free
data communications. The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) make them
perfect for multimedia applications. Features gold plated connectors and gold plated copper contacts for
superior conductivity. the cable is manufactured with molded connectors and integral strain relief for extra
durability and long life. Clamshell retail packaging.
Features
Meets or exceeds USB 2.0 specifications
q
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including
multimedia applications
q
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil
q
Gold-plated connectors and gold-plated copper contacts for superior conductivity
q
Molded connectors and integral strain relief for extra durability and long life
q
Highlights
Meets or exceeds USB 2.0
specifications
q
Supports faster data transfer
rate (1.5 to 480 Mbps) for low
speed and high speed devices,
including multimedia
applications.
q
Premium double-shielded
cables with tinned copper braid
and aluminum mylar foil feature
twisted 28AWG data lines, and
24AWG power lines.
q
Gold-plated connectors provide
superior conductivity
q
Comes in retail packaging
q
System Requirements
Any device requiring a USB
cable (USB 2.0 performance
only when used with USB 2.0
device and USB controller)
q
Package Includes
6-ft. USB 2.0 Gold Cable USB-A
to USB-B
q
OVERVIEW
UPC Code
037332116512
1 / 2


Similar Part No. - U022-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022-006-BE TRIPPLITE-U022-006-BE Datasheet
162Kb / 2P
USB 2.0 A/B Cable (M/M), Beige, 6 ft.
U022-006-COIL TRIPPLITE-U022-006-COIL Datasheet
160Kb / 2P
USB 2.0 A/B Coiled Cable (M/M), 6 ft.
More results

Similar Description - U022-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
U021-003 TRIPPLITE-U021-003 Datasheet
153Kb / 2P
USB 2.0 A/B Cable (M/M), 3-ft.
U022-006-BE TRIPPLITE-U022-006-BE Datasheet
162Kb / 2P
USB 2.0 A/B Cable (M/M), Beige, 6 ft.
U022-006-COIL TRIPPLITE-U022-006-COIL Datasheet
160Kb / 2P
USB 2.0 A/B Coiled Cable (M/M), 6 ft.
U023-006 TRIPPLITE-U023-006 Datasheet
156Kb / 2P
USB 2.0 A/B Cable with Ferrite Chokes (M/M), 6-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com