Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM-3027L-HD-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # DOM-3027L-HD-R
Description  8mm diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

DOM-3027L-HD-R Datasheet(HTML) 1 Page - PUI audio inc.

  DOM-3027L-HD-R Datasheet HTML 1Page - PUI audio inc. DOM-3027L-HD-R Datasheet HTML 2Page - PUI audio inc. DOM-3027L-HD-R Datasheet HTML 3Page - PUI audio inc. DOM-3027L-HD-R Datasheet HTML 4Page - PUI audio inc. DOM-3027L-HD-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
DOM-3027L-HD-R
PUI Audio’s all-new HD Series microphones use premium-grade FETs and
diaphragms for high sensitivity and superior signal-to-noise ratio. Each
microphone features GSM buzz-blocking capacitors. Upgrade the ECM
microphone that you use today with a PUI Audio HD Series microphone.
The 8mm diameter DOM-3027L-HD-R is designed for extreme fidelity, in even
the quietest settings, from 20 Hz to 20 kHz.
Features:
•
8mm diameter
•
3mm height
•
-27 dB sensitivity
•
77 dB signal-to-noise ratio
•
True 20 Hz to 20 kHz performance
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-27 ±3
dB
Rated Voltage
3
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
77
dB
Decreasing Voltage (3VS to 2VS)
-3
dB
Frequency Range
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Omni-directional
-


Similar Part No. - DOM-3027L-HD-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
DOM-5242L-R PUI-DOM-5242L-R Datasheet
121Kb / 1P
MICROPHONE
DOM-5246L-R PUI-DOM-5246L-R Datasheet
121Kb / 1P
MICROPHONE
More results

Similar Description - DOM-3027L-HD-R

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-327G LITEON-LTL-327G Datasheet
198Kb / 4P
LOW POWER CONSUMPTION 8mm DIAMETER BIG LAMP
LTST-C190CKT LITEON-LTST-C190CKT Datasheet
341Kb / 9P
Package In 8mm Tape On 7 Diameter Reels.
LTST-C150EKT LITEON-LTST-C150EKT Datasheet
311Kb / 6P
Package in 8mm tape on7 diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTST-108TBL TO-GRACE-LTST-108TBL Datasheet
644Kb / 10P
Package in 8mm tape on 7" diameter reels.
LTST-E683RGBW TO-GRACE-LTST-E683RGBW Datasheet
708Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTST-T680QEKT TO-GRACE-LTST-T680QEKT Datasheet
690Kb / 11P
Package in 8mm tape on 7" diameter reels.
LTST-T680TGKT TO-GRACE-LTST-T680TGKT Datasheet
682Kb / 11P
Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670KFKT LITEON-LTST-T670KFKT Datasheet
262Kb / 6P
Package in 8mm tape on 7 diameter reels
LTST-T670KSKT LITEON-LTST-T670KSKT Datasheet
259Kb / 6P
Package in 8mm tape on 7 diameter reels
LTST-T670TBKT LITEON-LTST-T670TBKT Datasheet
340Kb / 6P
Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com