Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNM-3550L-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # PNM-3550L-C3310-R
Description  Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PNM-3550L-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  PNM-3550L-C3310-R Datasheet HTML 1Page - PUI audio inc. PNM-3550L-C3310-R Datasheet HTML 2Page - PUI audio inc. PNM-3550L-C3310-R Datasheet HTML 3Page - PUI audio inc. PNM-3550L-C3310-R Datasheet HTML 4Page - PUI audio inc. PNM-3550L-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
PNM-3550L-C3310-R
PUI Audio’s noise-canceling microphones are designed with dipole inlets on the
back of the microphone capsule to reduce background noise from wind and the
road for the clearest possible pickup of a user’s voice—especially when used in
automotive applications.
The frequency response of the microphone is exceptionally flat when placed
2.54cm from the acoustic source, but rolls-off at 2 to 5 dB/octave when placed
50cm away from the acoustic source.
Features:
6mm diameter
3.5mm height
-50 dB sensitivity @ 50cm
>52 dB signal-to-noise ratio
Reduces the effect of wind and road noise
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-50 ±3
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
0.68
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
>55
dB
Decreasing Voltage (2VS to 1.5VS)
-3
dB
Frequency Range (@ 2.54cm)
20 ~ 20,000
Hz
Frequency Range (@ 50cm, -10 dB)
250 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Dipole
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams


Similar Part No. - PNM-3550L-C3310-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
PNM-3552L-C3310-R PUIAUDIO-PNM-3552L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
More results

Similar Description - PNM-3550L-C3310-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD142 PHILIPS-BZD142 Datasheet
55Kb / 8P
ZenBlockTM; zener with integrated blocking diode
2000 Dec 19
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
Integrated Analog Device for GSM and GPRS Applications
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
GPIO-BUZZ
logo
Wurth Elektronik GmbH &...
177920534 WURTH-177920534 Datasheet
1Mb / 21P
Integrated capacitors and transformer
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Vishay Siliconix
IHLP-1212AE-11 VISHAY-IHLP-1212AE-11 Datasheet
145Kb / 3P
Ultra low buzz noise, due to composite construction
12-Sep-16
logo
PUI audio inc.
AUM-5247L-C3310-R PUIAUDIO-AUM-5247L-C3310-R Datasheet
544Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-5050L-C3310-R PUIAUDIO-PNM-5050L-C3310-R Datasheet
560Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
PNM-5054L-C3310-R PUIAUDIO-PNM-5054L-C3310-R Datasheet
558Kb / 5P
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com