Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4895 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4895
Description  TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4895 Datasheet(HTML) 1 Page - Rohm

  2SC4895 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SC4895

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4890 SANYO-2SC4890 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications?????????
2SC4891 SANYO-2SC4891 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications??????????
logo
Inchange Semiconductor ...
2SC4891 ISC-2SC4891 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC4892 PANASONIC-2SC4892 Datasheet
74Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SC4893 PANASONIC-2SC4893 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
More results

Similar Description - 2SC4895

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1333A ROHM-2SB1333A Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Kemet Corporation
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
Automatic Winding Machine for Power Capacitors
2S-268-4 KEMET-2S-268-4 Datasheet
115Kb / 1P
Automatic Winding Machine for Power Capacitors
logo
TT Electronics.
OVS9YBCR7 TTELEC-OVS9YBCR7 Datasheet
712Kb / 4P
Compatible with automatic placement machine
logo
Everlight Electronics C...
EAST0707RGBA0 EVERLIGHT-EAST0707RGBA0 Datasheet
423Kb / 13P
Compatible with automatic placement equipment
logo
Lite-On Technology Corp...
LTST-T680QSKT LITEON-LTST-T680QSKT Datasheet
486Kb / 11P
Compatible with automatic placement equipment
LTST-T680UGKT LITEON-LTST-T680UGKT Datasheet
542Kb / 11P
Compatible with automatic placement equipment
LTW-206DCG-E2H LITEON-LTW-206DCG-E2H Datasheet
466Kb / 11P
Compatible with automatic placement equipment
LTW-206ZDCG-E2 LITEON-LTW-206ZDCG-E2 Datasheet
455Kb / 11P
Compatible with automatic placement equipment
LTW-M140SXS57 LITEON-LTW-M140SXS57 Datasheet
532Kb / 12P
Compatible with automatic placement equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com