Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POM-5038L-C3310-R Datasheet(PDF) 4 Page - PUI audio inc.

Part # POM-5038L-C3310-R
Description  Circular polar pattern to capture all sounds equally well regardless of placement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

POM-5038L-C3310-R Datasheet(HTML) 4 Page - PUI audio inc.

  POM-5038L-C3310-R Datasheet HTML 1Page - PUI audio inc. POM-5038L-C3310-R Datasheet HTML 2Page - PUI audio inc. POM-5038L-C3310-R Datasheet HTML 3Page - PUI audio inc. POM-5038L-C3310-R Datasheet HTML 4Page - PUI audio inc. POM-5038L-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Microphone Handling Precautions
High temperature and/or static electricity may damage microphones. To ensure careful handling, we
suggest following these precautions:
• Ensure the power rating of the soldering iron is below 90 watts
• The temperature of the soldering iron must be limited to 360°C ±10°C (680°F ±50°F)
• Soldering duration for each terminal shall be at or under 2 seconds
• If practical, use a metal fixture to hold the microphone in-place and to act as a heatsink. A fixture
should have appropriate diameter holes drilled through the entire fixture to prevent pressure from
being placed on the diaphragm (as below)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com