Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2710 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2710
Description  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2710 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2710 Datasheet HTML 1Page - New Japan Radio NJM2710 Datasheet HTML 2Page - New Japan Radio NJM2710 Datasheet HTML 3Page - New Japan Radio NJM2710 Datasheet HTML 4Page - New Japan Radio NJM2710 Datasheet HTML 5Page - New Japan Radio NJM2710 Datasheet HTML 6Page - New Japan Radio NJM2710 Datasheet HTML 7Page - New Japan Radio NJM2710 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2710
-7-
s
s
s
s
TYPICAL CHARACTRERISTICS
Voltage Gain vs. Frequency(with Capacitive Load)
-40
-30
-20
-10
0
10
20
30
40
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=20dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=110Ω,RL=open,Ta=+25℃
Phase
Gain
CL=100pF
CL=10pF
CL=10pF
Voltage Gain vs. Frequency (with Capacitive Load)
-20
-15
-10
-5
0
5
10
15
20
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,RL=open,Ta=+25℃
Phase
Gain
CL=50pF
CL=10pF
CL=open
CL=100pF
CL=50pF
CL=10pF
CL=open
CL=100pF
Voltage Gain vs. Frequency
(correlation with RL)
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω,
RF=1.98kΩ,RG=20Ω,CF=5pF,CL=10pF,Ta=+25℃
Phase
Gain
RL=2kΩ
RL=1kΩ
RL=open
Voltage Gain vs. Frequency
(correlation with Ta)
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω, RF=1.98kΩ,
RG=20Ω,CF=5pF,RL=open,CL=10pF
Phase
Gain
Ta=+85℃
Ta=+25℃
Ta=-40℃
Ta=+85℃
Ta=+25℃
Ta=-40℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com