Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUM-5250L-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # PUM-5250L-C3310-R
Description  Cardioid shaped polar pattern for focused acoustic pickup
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PUM-5250L-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  PUM-5250L-C3310-R Datasheet HTML 1Page - PUI audio inc. PUM-5250L-C3310-R Datasheet HTML 2Page - PUI audio inc. PUM-5250L-C3310-R Datasheet HTML 3Page - PUI audio inc. PUM-5250L-C3310-R Datasheet HTML 4Page - PUI audio inc. PUM-5250L-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
PUM-5250L-C3310-R
PUI Audio’s unidirectional electret condenser microphones (ECMs)—also known
as cardioid microphones—are purpose-built to only capture sound from one
direction. Four holes on the rear of the microphone capsule focus the sweet spot
of the microphone’s polar pattern to directly in front of the microphone.
Excellent for use in recording a single acoustic source, unidirectional
microphones are great as boom microphones to record sound at distance,
rejecting unwanted noise, or are used in pairs for two-channel stereo recording.
Features:
•
6mm diameter
•
5mm height
•
-50 dB sensitivity @ 50cm
•
>55 dB signal-to-noise ratio
•
Cardioid shaped polar pattern for focused acoustic pickup
•
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-50 ±4
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
0.68
kΩ
Current consumption
(2VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
>55
dB
Decreasing Voltage (2VS to 1.5VS)
-3
dB
Frequency Range (@ 50cm, -10 dB)
20 ~ 20,000**
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity*
Unidirectional
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams
*Minimum -12 dB drop in output at 180°±20° at 1 kHz **On-axis 0° measurement


Similar Part No. - PUM-5250L-C3310-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
PUM-5250L-R PUI-PUM-5250L-R Datasheet
59Kb / 1P
MICROPHONE
More results

Similar Description - PUM-5250L-C3310-R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
PerkinElmer Optoelectro...
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
logo
Gilway Technical Lamp
L1005 GILWAY-L1005 Datasheet
109Kb / 3P
Focused Lens-End Lamps
logo
Mitsubishi Electric Sem...
M51567P MITSUBISHI-M51567P Datasheet
288Kb / 6P
PREAMPLIFIER FOR OPTICAL PICKUP
M51598FP MITSUBISHI-M51598FP Datasheet
292Kb / 6P
PREAMPLIFIER FOR OPTICAL PICKUP
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN7555 MALLORY-PN7555 Datasheet
227Kb / 2P
Inductive Sync Pickup
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com