Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-2008MS-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # SMS-2008MS-R
Description  Grill is integrated into the housing for speaker protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMS-2008MS-R Datasheet(HTML) 1 Page - PUI audio inc.

  SMS-2008MS-R Datasheet HTML 1Page - PUI audio inc. SMS-2008MS-R Datasheet HTML 2Page - PUI audio inc. SMS-2008MS-R Datasheet HTML 3Page - PUI audio inc. SMS-2008MS-R Datasheet HTML 4Page - PUI audio inc. SMS-2008MS-R Datasheet HTML 5Page - PUI audio inc. SMS-2008MS-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
SMS-2008MS-R
Features:
•
Pick-and-place, reflow capable speaker with good output
•
Great frequency response in a small package
•
Grill is integrated into the housing for speaker protection
Speaker Specifications
Parameters
Values
Units
Rated Input Power
0.8
Watts
Max Input Power
1.0
Watts
Impedance
8±15%
Ohms
Sensitivity @ 0.1W/0.1M
(Avg 1.0, 1.6, 2.0, 3.2 kHz)
90±3
dB
Resonant Frequency
850±20%
Hz
Frequency Range
(based on -10 dB limits on
frequency response graph)
550 ~ 20,000
Hz
Frame Material
LCP
-
Magnet Material
SmCo
-
Weight
1.5
Grams
Acceptable Soldering Methods
Hand Solder, Reflow Solder
See below for soldering
information
Environmental Compliances
RoHS
-
Polarity
Diaphragm moves outward
when positive voltage is applied
to positive terminal
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-40 ~ +85
°C


Similar Part No. - SMS-2008MS-R

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMS-201 SYNERGY-SMS-201 Datasheet
257Kb / 2P
I & Q MODULATOR
More results

Similar Description - SMS-2008MS-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2761 NJRC-NJM2761 Datasheet
199Kb / 7P
The Audio Limiter for Speaker Protection
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
Semtech Corporation
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
ESD/EMI Protection for Speaker Ports
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
the transistor is subdivded into one group
logo
Nanjing International G...
9015 DGNJDZ-9015 Datasheet
63Kb / 2P
The transistor is subdivided into four groups
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
Speaker Amplifier with Speaker Protection
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
logo
Littelfuse
2PRO LITTELFUSE-2PRO Datasheet
762Kb / 6P
The 2Pro product is an integrated overcurrent over-voltage protection device
logo
PHOENIX CONTACT
1836476 PHOENIX-1836476 Datasheet
85Kb / 3P
Designed for integration into the SMT soldering process
1836984 PHOENIX-1836984 Datasheet
91Kb / 3P
Designed for integration into the SMT soldering process
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com