Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # SMT-0540-S-R
Description  side-firing electromechanical transducer designed for 2 to 4 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-0540-S-R Datasheet(HTML) 3 Page - PUI audio inc.

  SMT-0540-S-R Datasheet HTML 1Page - PUI audio inc. SMT-0540-S-R Datasheet HTML 2Page - PUI audio inc. SMT-0540-S-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transducer (Electro-Mech)
SMT-0540-S-R
B.R.
B.R.
E.P.
3/31/2006
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
12/13/2007
Date
3/31/2006
Date
3/31/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0540-S-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
3/31/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
12/13/2007
B.R.
B
REVISED TOLERANCES ON DIMENSIONS
8/27/2010
B.R.
C
REVISED LOWER HOUSING AND TERMINAL MATERIAL
2/24/2011
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE (SQUARE WAVE)
3
Vp-p
OPERATING VOLTAGE RANGE
2 ~ 4
Vp-p
RATED CURRENT (MAX)
100
mA
COIL RESISTANCE
12 ± 2
OHM
MINIMUM SPL @ 10 CM
78
dBA
RESONANT FREQUENCY
4,000 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Au PLATED
PHOSPHER BRONZE
-
WEIGHT
0.2
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. DATE CODE: A. FIRST DIGIT REPRESENTS THE No. OF THE YEAR.
B. LAST DIGIT REPRESENTS THE MONTH. (A=JAN.~L=DEC.)
5
5
2
`0.1
0.6
0.3
2
0.8
`0.2 (3)
4.2 MAX
1.95
0.7
`0.05 (3)
0.7
`0.1 (3)
5.5 MAX
SOUND
EMISSION HOLE
DUMMY LEAD
(-) LEAD
(+) LEAD
POLARITY
MARK
4(B)
4(A)
YOKE PLATE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com