Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0727-S-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # SMT-0727-S-R
Description  Side-firing electromechanical transducer designed for 2 to 5 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-0727-S-R Datasheet(HTML) 1 Page - PUI audio inc.

  SMT-0727-S-R Datasheet HTML 1Page - PUI audio inc. SMT-0727-S-R Datasheet HTML 2Page - PUI audio inc. SMT-0727-S-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 1/16.
SMT-0727-S-R
7.5 x 7.5mm
Transducer
Product Overview
• Side-firing electromechanical transducer designed for 2 to 5Vp-p
• Small 7.5 x 7.5mm footprint and 2mm height for thin, modern devices
• 85 dBA minimum output (3.6Vp-p @ 10 cm) and 2.7 kHz resonant frequency
• Designed for reflow soldering using a lead-free profile
Frequency Response (3.6 Vp-p @ 0.1 meters)
3541 Stop Eight Road • Dayton, Ohio 45414
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - SMT-0727-S-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
SMT-0727-S-R PUI-SMT-0727-S-R Datasheet
160Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMT-0727-S-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0540-S-R PUIAUDIO-SMT-0540-S-R Datasheet
1Mb / 3P
side-firing electromechanical transducer designed for 2 to 4 Vp-p
SMT-0540-T-7-R PUIAUDIO-SMT-0540-T-7-R Datasheet
528Kb / 3P
Top-firing electromechanical transducer designed for 2 to 4 Vp-p
SMT-0825-S-2-R PUIAUDIO-SMT-0825-S-2-R Datasheet
599Kb / 3P
Side-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
SMT-0825-S-4-R PUIAUDIO-SMT-0825-S-4-R Datasheet
591Kb / 3P
Side-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
SMT-0825-T-R PUIAUDIO-SMT-0825-T-R Datasheet
398Kb / 3P
Top-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
SMT-0827-S-2-R PUIAUDIO-SMT-0827-S-2-R Datasheet
619Kb / 3P
Side-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
SMT-0827-TW-5V-R PUIAUDIO-SMT-0827-TW-5V-R Datasheet
836Kb / 3P
Top-firing electromechanical transducer designed for 3 to 8 Vp-p
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
Side-firing electromechanical transducer designed for 2 to 4 Vp-p
SMT-1324-TW-5V-R PUIAUDIO-SMT-1324-TW-5V-R Datasheet
601Kb / 3P
Top-firing electromechanical transducer designed for 4 to 8 Vp-p
SMT-1427-S-R PUIAUDIO-SMT-1427-S-R Datasheet
720Kb / 3P
Side-firing electromechanical transducer designed for 3 to 7 Vp-p
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com