Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 2 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
LP5907
SNVS798N – APRIL 2012 – REVISED APRIL 2018
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 6
6.6
Output and Input Capacitors ..................................... 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 14
8.1
Application Information............................................ 14
8.2
Typical Application .................................................. 14
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Examples................................................... 18
11
Device and Documentation Support ................. 20
11.1
Documentation Support ........................................ 20
11.2
Receiving Notification of Documentation Updates 20
11.3
Community Resources.......................................... 20
11.4
Trademarks ........................................................... 20
11.5
Electrostatic Discharge Caution ............................ 20
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (January 2018) to Revision N
Page
•
Added Overshoot on start-up with EN row to Electrical Characteristics table ...................................................................... 7
Changes from Revision L (August 2016) to Revision M
Page
•
Added links for WEBENCH ................................................................................................................................................... 1
•
Added information about YKM package option ..................................................................................................................... 1
•
Added minor editorial changes .............................................................................................................................................. 1
Changes from Revision K (May 2016) to Revision L
Page
•
Changed title of data sheet and updated list of Applications and wording of 1st sentence in Description ............................ 1
•
Changed "10 µVRMS" to "6.5 µVRMS" ....................................................................................................................................... 1
Changes from Revision J (March 2016) to Revision K
Page
•
Changed "Linear Regulator" to "LDO" in title and first sentence of Description .................................................................... 1
Changes from Revision I (August 2015) to Revision J
Page
•
Changed VOUT min and max values and VEN min value in Abs Max table and VEN row of ROC table to correct format
errors; replace text of footnote 2 of Abs Max table ............................................................................................................... 5
Changes from Revision H (November 2014) to Revision I
Page
•
Added icon for reference design to Top Navs and "ΔVOUT vs Temperature" graph to Typical Characteristics ..................... 1
•
Changed Storage Temperature to Abs Max table; replace Handling Ratings with ESD Ratings ......................................... 5
•
Deleted "VOUT ≥ 1.8 V" from first row of ΔVout spec ............................................................................................................. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com