Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 39 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT Datasheet HTML 41Page - Texas Instruments UCC28056CDBVT Datasheet HTML 42Page - Texas Instruments UCC28056CDBVT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
u
u S u
u
'
COMax
Ctrl
Line
Out
V
2%
G
j2
2
f
V
'
u
u
u S u
u
OutMax
Out
Out Re g
Line
Out
P
1
V
4.95 V
V
2
2
f
C
)
S
§
·
¨
¸
©
¹
PM
K
tan
4.51
2
4
S
)
q u
q
PM
65
180
)
S
§
·
¨
¸
©
¹
PM
K
tan
2
4
u
P
B
f
f
K
B
Z
f
f
K
u
u S u
CO
Z
CO
1
1
R
2
f
C
u
P
Z
CO
CO1
Z
f
f
C
C
f
§
·
u
u
u
¨
¸
¨
¸
©
¹
Out Re g
Z
CO1
M
P
Ctrl0
OSRe g
V
f
1
C
g
f
G
V
u
u
OSRe g
Ctrl0
M
Out Re g
CO
CO1
V
1
G
g
V
C
C
u S u
u
u
CO
CO1
P
CO
CO1
CO
C
C
f
2
C
C
R
39
UCC28056
www.ti.com
SLUSD37C – OCTOBER 2017 – REVISED FEBRUARY 2018
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(87)
(88)
(88)
Rearranging Equation 86, Equation 87 and Equation 88 yields:
(89)
(90)
(91)
For maximum phase Boost at the gain cross-over frequency, compensator design proceeds by placing the pole
and zero an equal distance above and below the gain cross-over frequency (fB) on the Bode plot. Because the
frequency axis is logarithmic this yields the following pole (fP) and zero (fZ) frequencies:
(92)
(93)
Phase margin of the loop is equal to the phase boost provided by the type 2 compensator, because the
underlying integrator characteristics of the plant and compensator combine to provide 180° of phase lag. To
achieve the desired phase margin (ΦPM) at fB the separation between the pole and zero frequencies may be
found by substituting Equation 92 and Equation 93 into Equation 85, and solving for K in terms of the phase
boost angle.
(94)
The next step is to select the desired phase margin. A typical phase margin range 45° to 75°. For this example
design a target phase margin of 65° is selected.
(95)
(96)
The next step is to determine the loop gain cross-over frequency (fB). A faster loop, results in more twice Line
frequency ripple on the COMP pin voltage, leading to increased Line current distortion.
Begin by setting a target of 1% third harmonic distortion due to twice Line frequency COMP voltage ripple. To
achieve this target, the twice Line frequency COMP pin ripple must be less than 2% of the DC value during
steady-state full power operation. The design proceeds by selecting the loop gain cross-over frequency (fB) that
ensures twice Line frequency COMP pin ripple amplitude does not exceed 2% of its DC level.
Use Equation 97 to calculate twice Line frequency voltage ripple amplitude across the output capacitor.
(97)
The output voltage ripple amplitude must be attenuated by the feedback network to meet our target of 2% ripple
amplitude on the COMP pin voltage.
(98)
Equation 99 simplifies Equation 98.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com