Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0927-S-8-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # SMT-0927-S-8-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-0927-S-8-R Datasheet(HTML) 1 Page - PUI audio inc.

  SMT-0927-S-8-R Datasheet HTML 1Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A ( 5 : 1 )
DETAIL "B"
B
Transducer (Electro-Mech)
SMT-0927-S-8-R
J.D.
C.W.
B.R.
7/30/2014
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
7/30/2014
Date
7/30/2014
Date
7/30/2014
UNLESS OTHERWISE SPECIFIED:
All PURCHASES ARE SUBJECT TO AND
INCORPORATE THE PUI AUDIO TERMS
AND CONDITIONS SALE FOUND AT
http://www.puiaudio.com
/pdf/terms_conditions.pdf
(paper copy available upon request).
DIMENSIONS ARE IN MILLIMETERS,
TOLERANCES ARE 0.5 AND
ANGLES ARE 3 .
SMT-0927-S-8-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
2014/07/30
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
3.6
Vp-p
OPERATING VOLTAGE RANGE
2.5 ~ 4.5
Vp-p
RATED CURRENT (MAX)
100
mA
COIL RESISTANCE
15
3
OHM
MINIMUM SPL @ 10 CM
87
dBA
RESONANT FREQUENCY
2,700
500
Hz
OPERATING TEMPERATURE
-30 ~ +85
C
STORAGE TEMPERATURE
-40 ~ +85
C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED BRASS
-
WEIGHT
0.8
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
8.5
8.5
POLARITY
PAD (+)
POLARITY
PAD (-)
DUMMY
PAD
DUMMY
PAD
0.1 MAX.
0.1 MAX.
BOTTOM OF
TRANSDUCER
PAD
4
0.15
0.05
1.5 4X


Similar Part No. - SMT-0927-S-8-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
SMT-0927-S-11-R PUI-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-12-R PUIAUDIO-SMT-0927-S-12-R Datasheet
219Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
SMT-0927-S-4-R PUI-SMT-0927-S-4-R Datasheet
178Kb / 1P
Transducer (Electro-Mech)
logo
PUI audio inc.
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
Side-firing electromechanical transducer designed for 2 to 4 Vp-p
More results

Similar Description - SMT-0927-S-8-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com