Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0927-T-2-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # SMT-0927-T-2-R
Description  Top_firing electromechanical transducer designed for 2 to 4 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-0927-T-2-R Datasheet(HTML) 3 Page - PUI audio inc.

  SMT-0927-T-2-R Datasheet HTML 1Page - PUI audio inc. SMT-0927-T-2-R Datasheet HTML 2Page - PUI audio inc. SMT-0927-T-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transducer (Electro-Mech)
SMT-0927-T-2-R
J.D.
M.L.
B.R.
6/16/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/16/2011
Date
6/28/2011
Date
6/28/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
SMT-0927-T-2-R.idw
A3
SIZE
S
I D
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/16/2011
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
3
Vp-p
OPERATING VOLTAGE RANGE
2 - 4
Vp-p
RATED CURRENT (MAX)
80
mA
COIL RESISTANCE
16
3
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2730
200
Hz
OPERATING TEMPERATURE
-40 ~ +85
C
STORAGE TEMPERATURE
-40 ~ +85
C
HOUSING MATERIAL
PPS
-
TERMINAL MATERIAL
Au PLATED BRASS
-
WEIGHT
0.8
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
12.3
4.5
0.4
0.1
4.9
4.9
1.5
0.1
1.6 SOUND
EMISSION HOLE
9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com