Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-1035-S-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # SMT-1035-S-2-R
Description  This document contains data proprietary to PUI Audio Inc. Any use or reproduction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-1035-S-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  SMT-1035-S-2-R Datasheet HTML 1Page - PUI audio inc. SMT-1035-S-2-R Datasheet HTML 2Page - PUI audio inc. SMT-1035-S-2-R Datasheet HTML 3Page - PUI audio inc. SMT-1035-S-2-R Datasheet HTML 4Page - PUI audio inc. SMT-1035-S-2-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
SMT-1035-S-2-R
Specifications
Parameters
Values
Units
Rated Voltage
3.6
V0-peak
Operating Voltage Range
3 ~4.5
V0-peak
Coil Resistance
18 ± 5
Ohms
Resonant Frequency
3500 ± 20%
Hz
Minimum SPL @ 10cm
(at rated voltage)
90
dBA
Max Current Consumption*
100
mA
Case Material
Black LCP
-
Terminal Material
Gold-plated Brass
-
Operating Temperature
-20 ~ +70
°C
Storage Temperature
-40 ~ +85
°C
Weight
0.8
Grams
*With rated voltage applied at resonant frequency with a 50% duty cycle square wave
Measurement Method


Similar Part No. - SMT-1035-S-2-R

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SMT-1031PV HANWHAVISION-SMT-1031PV Datasheet
403Kb / 4P
10-inch AI PVM (Black)
SMT-1031PV HANWHAVISION-SMT-1031PV Datasheet
893Kb / 3P
Adapter
SMT-1031PVW HANWHAVISION-SMT-1031PVW Datasheet
399Kb / 4P
10-inch AI PVM (White)
SMT-1031PVW HANWHAVISION-SMT-1031PVW Datasheet
893Kb / 3P
Adapter
More results

Similar Description - SMT-1035-S-2-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0398801205 MOLEX11-0398801205 Datasheet
77Kb / 1P
This drawing contains information that is proprietary to molex incorporated and should...
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
This document contains a list of frequently
02-Apr-2010
logo
Laird Tech Smart Techno...
66T0153-30P LSTD-66T0153-30P Datasheet
50Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0154-70P LSTD-66T0154-70P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0157-00P LSTD-66T0157-00P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0231-10P LSTD-66T0231-10P Datasheet
49Kb / 1P
Laird This document contains information which is proprietary to laird
66T0231-70P LSTD-66T0231-70P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
logo
Silicon Laboratories
AN616 SILABS-AN616 Datasheet
1Mb / 28P
This document contains a complete test report that describes
logo
List of Unclassifed Man...
FT5426 ETC2-FT5426 Datasheet
1Mb / 14P
This document contains information proprietary to FocalTech Systems, Ltd., and may not be reproduced
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com