Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-1427-S-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # SMT-1427-S-R
Description  Side-firing electromechanical transducer designed for 3 to 7 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-1427-S-R Datasheet(HTML) 2 Page - PUI audio inc.

  SMT-1427-S-R Datasheet HTML 1Page - PUI audio inc. SMT-1427-S-R Datasheet HTML 2Page - PUI audio inc. SMT-1427-S-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 9/15.
AT-1438-TWT-R
40mm Speaker
Mechanical and Environment Testing
Test Description
Test Condition
High Temperature
85°C (±2°C) with random humidity for 96 hours
Low Temperature
-40°C (±2°C) with random humidity for 96 hours
Humidity
25°C to 60°C with 90% to 95% relative humidity
for 12 hours, 10 cycles
Vibration
1.53 mm movement modulated at 10-55 Hz in 3
directions for 6 hours
Drop Test
120 cm free fall in six directions, 3 cycles
Temperature Cycle Test
-30°C to 70°C, five 90 minute cycles
Tape Dimensions
Recommended Reflow Profile
SMT-1427-S-R
14x11m Transducer
Recommended Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com