Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LBZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317LBZ
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZ Datasheet(HTML) 3 Page - ON Semiconductor

  LM317LBZ Datasheet HTML 1Page - ON Semiconductor LM317LBZ Datasheet HTML 2Page - ON Semiconductor LM317LBZ Datasheet HTML 3Page - ON Semiconductor LM317LBZ Datasheet HTML 4Page - ON Semiconductor LM317LBZ Datasheet HTML 5Page - ON Semiconductor LM317LBZ Datasheet HTML 6Page - ON Semiconductor LM317LBZ Datasheet HTML 7Page - ON Semiconductor LM317LBZ Datasheet HTML 8Page - ON Semiconductor LM317LBZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM317L
3
MOTOROLA ANALOG IC DEVICE DATA
Representative Schematic Diagram
18k
6.8V
6.8V
350
300
300
300
3.0k
30
0
70
200
k
2.5
60
5
0
130
8.67k
500
40
0
2.4k
12.8k
Vout
5.1k
6.3V
2.0k
6.0k
Adjust
Vin
180
180
10
pF
10
pF
* Pulse Testing Required:
1% Duty Cycle is suggested.
Line Regulation (%/V) =
VOH – VOL
x 100
*
VCC
VIH
VIL
Vin
Vout
VOH
VOL
RL
+
1
µF
CO
240
1%
R1
Adjust
R2
1
%
Cin
0.1
µF
LM317L
IAdj
Figure 1. Line Regulation and
∆IAdj/Line Test Circuit
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com