Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q60LAF Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q60LAF
Description  Q60LAF Series Laser Adjustable-Field Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q60LAF Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q60LAF Datasheet HTML 1Page - Banner Engineering Corp. Q60LAF Datasheet HTML 2Page - Banner Engineering Corp. Q60LAF Datasheet HTML 3Page - Banner Engineering Corp. Q60LAF Datasheet HTML 4Page - Banner Engineering Corp. Q60LAF Datasheet HTML 5Page - Banner Engineering Corp. Q60LAF Datasheet HTML 6Page - Banner Engineering Corp. Q60LAF Datasheet HTML 7Page - Banner Engineering Corp. Q60LAF Datasheet HTML 8Page - Banner Engineering Corp. Q60LAF Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
To maximize contrast, position the lightest possible background to be used, at the closest position it will come to the sensor during use.
Using a small screwdriver in the adjustment screw, adjust the cutoff distance until the threshold is reached and the green Light Sensed
indicator changes state. If the indicator never turns ON, the background is beyond the maximum sensing cutoff and will be ignored.
Note the position of the rotating cutoff position indicator at this position. Then repeat the procedure, using the darkest target, placed in
its most distant position for sensing. Adjust the cutoff so that the indicator is midway between the two positions.
Target
Background
Cutoff
Distance
E
R2
R1
Figure 3. Set the cutoff distance approximately midway between the
farthest target and the closest background
ON
OFF
DELAY
DELAY
DO
SIG
LO
RANGE
tan
ce
Set Cutoff Midway
Between
Farthest Target Object
Closest Background
Figure 4. Setting the cutoff distance
Note: Setting the cutoff distance adjustment screw to its maximum clockwise position places the receiver lens
directly in front of the receiver elements and results in the Q60 performing as a long-range diffuse sensor.
Sensing Reliability
For highest sensitivity, the sensor-to-object distance should be such that the object will be sensed at or near the point of maximum
excess gain. The excess gain curves show excess gain versus sensing distance for 200 mm, 1200 mm, and 2 m cutoffs. Maximum excess
gain for a 200 mm cutoff occurs at a lens-to-object distance of about 150 mm, and for a 2 m cutoff, at about 500 mm. The background
must be placed beyond the cutoff distance. Following these two guidelines makes it possible to detect objects of low reflectivity, even
against close-in reflective backgrounds.
Background Reflectivity and Placement
Avoid mirror-like backgrounds that produce specular reflections. A false sensor response occurs if a background surface reflects the
sensor's light more to the near detector (R1) than to the far detector (R2). The result is a false ON condition (Figure 5 on page 4).
Correct this problem by using a diffusely reflective (matte) background, or angling either the sensor or the background (in any plane) so
the background does not reflect light back to the sensor (Figure 6 on page 4). Position the background as far beyond the cutoff
distance as possible.
An object beyond the cutoff distance, either stationary (and when positioned as shown in Figure 7 on page 5), or moving past the
face of the sensor in a direction perpendicular to the sensing axis, may cause unwanted triggering of the sensor if more light is reflected
to the near detector than to the far detector. Correct the problem by rotating the sensor 90° (Figure 8 on page 5). The object then
reflects the R1 and R2 fields equally, resulting in no false triggering. A better solution, if possible, may be to reposition the object or the
sensor.
Cutoff
Distance
Reflective
Background
Sensing
Field
E
R2
R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
Core of
Emitted
Beam
Strong
Direct
Reflection
to R1
Figure 5. Reflective Background - Problem
E
R2
R1
E
= Emitter
R1 = Near Detector
R2 = Far Detector
Cutoff
Distance
Reflective
Background
Strong
Direct
Reflection
Away From
Sensor
Sensing
Field
Core of
Emitted
Beam
Figure 6. Reflective Background - Solution
Q60LAF Series Laser Adjustable-Field Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 114348 Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com