Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q20NLP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q20NLP
Description  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20NLP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q20NLP Datasheet HTML 1Page - Banner Engineering Corp. Q20NLP Datasheet HTML 2Page - Banner Engineering Corp. Q20NLP Datasheet HTML 3Page - Banner Engineering Corp. Q20NLP Datasheet HTML 4Page - Banner Engineering Corp. Q20NLP Datasheet HTML 5Page - Banner Engineering Corp. Q20NLP Datasheet HTML 6Page - Banner Engineering Corp. Q20NLP Datasheet HTML 7Page - Banner Engineering Corp. Q20NLP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Retroreflective Mode Models (based on retroreflector BRT-84)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
0.01 m
0.4"
0.1 m
4.0"
1.0 m
40.0"
10.0 m
400.0"
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20 LP
Retroreflective Mode
5 m
16'
4 m
13'
3 m
10'
2 m
6.6'
1 m
3.3'
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2"
4"
6"
2"
4"
6"
DISTANCE
Q20 LP
Retroreflective Mode
1
10
100
0.01 m
0.4"
0.1 m
4.0"
1.0 m
40.0"
10.0 m
400.0"
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20 LV
Retroreflective Mode
8 m
26'
6 m
20'
4 m
13'
2 m
6.6'
0
0
50 mm
100 mm
150 mm
200 mm
50 mm
100 mm
150 mm
200 mm
0
2"
4"
6"
8"
2"
4"
6"
8"
DISTANCE
Q20 LV
Retroreflective Mode
Diffuse Mode Models (based on 90% reflectance white test card)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
1.0 mm
0.04"
10.0 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20
Short Range Diffuse
250 mm
10"
200 mm
8.0"
150 mm
6.0"
100 mm
4.0"
50 mm
2.0"
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4"
0.8"
1.2"
0.4"
0.8"
1.2"
DISTANCE
Q20 Diffuse – short range
1
10
100
1.0 mm
0.04"
10.0 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
10000 mm
400"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20
Long Range Diffuse
Infrared
Visible
1500 mm
59"
1200 mm
47"
900 mm
35"
600 mm
24"
300 mm
12"
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8"
1.6"
2.4"
0.8"
1.6"
2.4"
DISTANCE
Q20 Diffuse – long range
Visible
Infrared
Q20DVS Models
Excess Gain
Beam Pattern
Distance (mm)
1
1
10
100
1000
10
100
Distance (mm)
0
50
100
150
200
250
-4
-3
-2
-1
0
1
2
3
4
Fixed-Field Excess Gain (based on 90% reflectance white test card)
1
10
100
1.0 mm
0.04"
10.0 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20 FF
50 mm
1
10
100
1.0 mm
0.04"
10.0 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20 FF
100 mm
1
10
100
1.0 mm
0.04"
10.0 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20 FF
150 mm
WORLD-BEAM® Q20 Series Sensor
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 127816 Rev. M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com