Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q60VR3LAF2000 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q60VR3LAF2000
Description  Q60LAF Series Laser Adjustable-Field Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q60VR3LAF2000 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q60VR3LAF2000 Datasheet HTML 1Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 2Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 3Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 4Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 5Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 6Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 7Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 8Page - Banner Engineering Corp. Q60VR3LAF2000 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Overview
The Q60LAF sensor is a full-featured adjustable-field sensor. These adjustable-field sensors are able to detect objects of relatively low
reflectivity, while ignoring other objects in the background (beyond the cutoff point). The cutoff distance is mechanically adjustable,
using the 2-turn adjustment screw on the top of the sensor. A rotating pointer indicates the relative cutoff position. The indicator moves
clockwise to show increasing distance.
The collimated laser emitter produces a small, bright spot, allowing easy alignment and precision sensing of relatively small objects at
long range.
Two push buttons (ON Delay and OFF Delay) are used to set the output delay options, to toggle between light and dark operate modes
and to lock out the push buttons for security purposes. These functions also may be accomplished using the remote wire (available on
some models).
Seven LED indicators show, during RUN mode, the sensor configuration and operating status. During Delay Configuration, 5 of the LEDs
combine to form a single light bar that indicates relative ON or OFF delay time.
Note: When an object approaches from the side, the most reliable sensing usually occurs when the line of approach
is parallel to the sensing axis.
Note: Sensing at closer than the minimum specified range is not guaranteed.
Features and Indicators
Note: Outputs are active during on/off timing selection mode.
ON Delay
Steady Green: Run mode, ON delay is active
Flashing Green: ON Delay Selection mode is active
OFF Delay
Steady Green: Run mode, OFF delay is active
Flashing Green: OFF Delay Selection mode is active
5-Segment Light Bar
Indicates relative delay time during ON or OFF Delay
Selection modes
Output Indicator
Steady Amber: Outputs are conducting
Steady Green: During ON/OFF Delay Selection modes
Dark Operate Indicator
Steady Green: Dark Operate is selected
Lockout Indicator
Steady Green: Buttons are locked out
Light Operate Indicator
Steady Green: Light Operate is selected
Signal Indicator
Steady Green: Sensor is receiving signal
Flashing Green: Marginal signal (1.0 to 2.25 excess
gain)
ON/OFF Delay Push
Buttons and Indicators
Cutoff Adjustment Screw
Light Sensed Indicator
Light Operate Selected
Push Button
Lockout Indicator
Dark Operate Selected
Output Conducting
(Bi-color Amber/Green)
The indicators, above right, also function as a 5-
segment light gar during delay selection modes
Adjustable-Field Sensing—Theory of Operation
The Q60LAF compares the reflections of its emitted light beam (E) from an object back to the sensor’s two differently-aimed detectors
R1 and R2 (see Figure 1 on page 3). If the near detector (R1) light signal is stronger than the far detector (R2) light signal (see object
A, closer than the cutoff distance), the sensor responds to the object. If the far detector (R2) light signal is stronger than the near
detector (R1) light signal (see object B, object beyond the cutoff distance), the sensor ignores the object.
The cutoff distance for these sensors is adjustable. Objects lying beyond the cutoff distance are ignored, even if they are highly
reflective. However, it is possible to falsely detect a background object, under certain conditions (see Background Reflectivity and
Placement on page 4).
Q60LAF Series Laser Adjustable-Field Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 114348 Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com