Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S18-2VPLPC-2M Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # S18-2VPLPC-2M
Description  S18-2 Plastic 18 mm Barrel Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

S18-2VPLPC-2M Datasheet(HTML) 2 Page - Banner Engineering Corp.

  S18-2VPLPC-2M Datasheet HTML 1Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 2Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 3Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 4Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 5Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 6Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 7Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 8Page - Banner Engineering Corp. S18-2VPLPC-2M Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Diffuse Models 1
Model
Range
Output
S18-2VNDL-2M
750 mm (29.5 in) with adjustment
Complementary NPN
S18-2VPDL-2M
Complementary PNP
S18-2VNDS-2M
300 mm (11.8 in) with adjustment
Complementary NPN
S18-2VPDS-2M
Complementary PNP
Fixed Field Models
Model
Range
Output
S18-2VNFF30-2M
30 mm
Complementary NPN
S18-2VPFF30-2M
Complementary PNP
S18-2VNFF50-2M
50 mm
Complementary NPN
S18-2VPFF50-2M
Complementary PNP
S18-2VNFF75-2M
75 mm
Complementary NPN
S18-2VPFF75-2M
Complementary PNP
S18-2VNFF100-2M
100 mm
Complementary NPN
S18-2VPFF100-2M
Complementary PNP
S18-2VNFF150-2M
150 mm
Complementary NPN
S18-2VPFF150-2M
Complementary PNP
S18-2VNFF200-2M
200 mm
Complementary NPN
S18-2VPFF200-2M
Complementary PNP
Installing the S18-2 Sensor
Amber LED
Amber LED
Green LED
Gain adjustment
Figure 1. S18-2 Features and Installation
To install the S18-2 Sensor:
1. Align the sensor as required for the application.
For the most sensitive object detection, align the
sensor so that the objects move across the
sensor's axis.
2. Secure the sensor to a bracket.
3. Wire sensor as shown in the wiring diagrams.
4. Adjust the gain adjuster (sensitivity pot) if
necessary.
Wiring Diagrams
Emitter
10-30V dc
–
+
1
3
Emitter with Active High Beam
Inhibit
10-30V dc
−
+
1
3
4
10-30V dc
Complementary NPN
10-30V dc
–
+
1
3
2
4
Load
Load
Complementary PNP
10-30V dc
–
+
1
3
2
4
Load
Load
Note: Open lead wires must be connected to a terminal block.
S18-2 Plastic 18 mm Barrel Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 170670 Rev. J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com