Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q20ND Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # Q20ND
Description  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20ND Datasheet(HTML) 1 Page - Banner Engineering Corp.

  Q20ND Datasheet HTML 1Page - Banner Engineering Corp. Q20ND Datasheet HTML 2Page - Banner Engineering Corp. Q20ND Datasheet HTML 3Page - Banner Engineering Corp. Q20ND Datasheet HTML 4Page - Banner Engineering Corp. Q20ND Datasheet HTML 5Page - Banner Engineering Corp. Q20ND Datasheet HTML 6Page - Banner Engineering Corp. Q20ND Datasheet HTML 7Page - Banner Engineering Corp. Q20ND Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
•
Photoelectric sensors in a compact, rugged, sealed, over-molded plastic housing
•
Standard 3 mm threaded mounting holes on 25.4 mm (1 in) spacing
•
Advanced electronic design for excellent noise immunity and cross-talk avoidance
•
Threaded metal M8 connector on Pico-style quick-disconnect models
•
10 V dc to 30 V dc operation with complementary solid-state outputs (1 normally open, 1
normally closed); PNP or NPN, depending on model
•
Complete offering of mounting brackets and apertures available
•
Crosstalk prevention filters available for visible red opposed mode pairs
•
Exceptional optical performance with easy to align visible red emitters
•
Background suppression models provide reliable detection up to 150 mm while ignoring
objects in the background
•
Background suppression models provide stable detection in the presence of fluorescent lights
WARNING:
•
Do not use this device for personnel protection
•
Using this device for personnel protection could result in serious injury or death.
•
This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A device failure or malfunction can cause either an energized (on) or de-
energized (off) output condition.
Models
Model1
Sensing Mode
Range
Output2
Q20E
Opposed, 624 nm Visible
Red
Effective Beam: 10 mm
(0.4 in)
12 m (39.4 ft)
N/A
Q20PR
PNP
Q20NR
NPN
Q20EL
Opposed, 850 nm
Infrared
Effective Beam: 10 mm
(0.4 in)
20 m (65.6 ft)
N/A
Q20PRL
PNP
Q20NRL
NPN
Q20PLP
Polarized Retroreflective,
645 nm Visible Red
4 m (13 ft)
(specified using
reflector BRT-84)
PNP
Q20NLP
NPN
Q20PLV
Retroreflective, 645 nm
Visible Red
6 m (20 ft)
(specified using
reflector BRT-84)
PNP
Q20NLV
NPN
Q20PDL
Long-Range Diffuse, 624
nm Visible Red
800 mm (32 in)
PNP
Q20NDL
NPN
Diffuse-mode and fixed-field performances are based on the
use of a 90% reflectance white test card.
Model 1
Sensing Mode
Range
Output2
Q20PDXL
Long Range DIffuse, 850
nm Infrared
1500 mm (59 in)
PNP
Q20NDXL
NPN
Q20PD
Short Range Diffuse, 624
nm Visible Red
250 mm (10 in)
PNP
Q20ND
NPN
Q20PDVS
Small Spot Diffuse, 660 nm
Visible Red
250 mm (10 in)
PNP
Q20NDVS
NPN
Q20PFF50
Fixed Field, 655 nm Visible
Red
50 mm (2 in)
cutoff
PNP
Q20NFF50
NPN
Q20PFF100
100 mm (4 in)
cutoff
PNP
Q20NFF100
NPN
Q20PFF150
150 mm (6 in)
cutoff
PNP
Q20NFF150
NPN
1 Integral 2 m (6.5 ft) unterminated cable models are listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, Q20E W/30.
•
To order the 4-pin M8/Pico-style integral quick disconnect model, add the suffix "Q7" to the model number. For example, Q20EQ7.
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M8/Pico-style quick disconnect, add the suffix "Q" to the model number. For example,
Q20EQ.
•
To order the 150 mm (6 in) PVC cable model with a 4-pin M12/Euro-style quick disconnect, add the suffix "Q5" to the model number. For
example, Q20EQ5.
•
To order the 150 mm (6 in) PUR cable model with a 4-pin M12/Euro-style quick disconnect, add the suffix "QPMA" to the model number. For
example, Q20EQPMA.
•
Models with a quick disconnect require a mating cordset.
2 Available with Health or Alarm Mode output; contact Banner Engineering for details.
WORLD-BEAM® Q20 Series Sensor
Original Document
127816 Rev. M
31 July 2019
127816


Similar Part No. - Q20ND

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q20N-12 XPPOWER-Q20N-12 Datasheet
2Mb / 9P
Q Series DC-HVDC C ONVERTER
06 Apr 2023
logo
Powerbox
Q20N-5 POWERBOX-Q20N-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
Q20N-5 XPPOWER-Q20N-5 Datasheet
2Mb / 9P
Q Series DC-HVDC C ONVERTER
06 Apr 2023
More results

Similar Description - Q20ND

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA6480 HONEYWELL-HOA6480 Datasheet
200Kb / 4P
HOA6480 Series Barcode Sensor
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
XHM SERIES PRESSURE SENSOR
Rev A
logo
Banner Engineering Corp...
Q45AD9 BANNER-Q45AD9 Datasheet
613Kb / 10P
Q45AD9 NAMUR Series Sensor
SB12T BANNER-SB12T Datasheet
246Kb / 3P
SB12T Series Sensor
SMA31E BANNER-SMA31E Datasheet
549Kb / 8P
AC Voltage Series Sensor
SMI30 BANNER-SMI30 Datasheet
501Kb / 8P
SMI30 Series Sensor
M25U BANNER-M25U Datasheet
545Kb / 4P
M25U Series Sensor
QM42 BANNER-QM42 Datasheet
304Kb / 4P
QM42 Series Sensor
QL56 BANNER-QL56 Datasheet
1Mb / 5P
QL56 Series Luminescence Sensor
SL30 BANNER-SL30 Datasheet
426Kb / 4P
SL30 Series Slot Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com