Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/HB-MSTR Datasheet(PDF) 4 Page - International Rectifier

Part # AHE2805DF/HB-MSTR
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/HB-MSTR Datasheet(HTML) 4 Page - International Rectifier

  AHE2805DF/HB-MSTR Datasheet HTML 1Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
AHE28XXS Series
Specifications
Notes to Specifications
1.
Above +125
°C case temperature, derate output power linearly to 0 at 135°C case.
2.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
See typical waveforms.
3.
Turn-on delay time measurement is for either an application of power at the input or a signal at the shutdown pin.
4.
For operation at 16VDC, derate output power by 33%.
5.
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
Parameter
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%,CL = 0
Unless otherwise specified
AHE2805S/HB&CH
AHE2812S/HB&CH
AHE2815S/HB&CH
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Static Characteristic
OUTPUT
Voltage
Current
Ripple
Accuracy
Power
1
V
IN=17 to 40 VDC
I
OUT=0 to Full Load
Full Load, DC to 1MHz
T
CASE = 25°C, IOUT = 0
4.90
0.0
4.95
15
5.00
20
5.00
5.10
3000
60
5.05
11.76
0.0
11.88
20
12.00
30
12.00
12.24
1667
60
12.12
14.70
0.0
14.85
20
15.00
30
15.00
15.30
1333
60
15.15
VDC
mADC
mVp-p
VDC
W
REGULATION
Line
Load
V
IN = 17 to 40 VDC
T
CASE = 25°C
I
OUT = 0 to Full Load
10
5
50
50
30
120
50
35
150
mV
mV
INPUT
Voltage Range
4
Current
Ripple Current
Inhibited
No Load
Full Load
17.0
28.0
8
20
40.0
18
35
50
17.0
28.0
8
25
40.0
18
35
50
17.0
28.0
8
25
40.0
18
35
50
VDC
mADC
mADC
mV p-p
Efficiency
T
CASE = +25°C
80
82
80
83
80
84
%
Capacitive Load
No effect on performance
500
1000
200
1000
200
1000
µF
Load fault power
dissipation
5
Short Circuit T
C =25°C
Overload T
C = 25°C
4.5
6
4.5
6
4.5
6
W
W
Isolation
Input to Output @ 500Vdc
100
100
100
M
Ω
Dynamic
Characteristic
Step Load Changes
Output T
C =25°C
Transient
50% Load 100% Load
No Load 50% Load
±150
-300
±300
-500
±200
-400
±300
-500
±200
-400
±300
-500
mVpk
mVpk
50% Load No Load
+300
+500
+400
+500
+400
+500
mVpk
Recovery
2
50% Load 100% Load
No Load 50% Load
50% Load No Load
25
100
70
200
5
25
500
70
1500
5
25
500
70
1500
5
µsec
µsec
msec
Step Line Changes
Output T
C = 25°C
Transient
Recovery
2
Input step 17 to 40VDC
Input step 40 to 17VDC
Input step 17 to 40VDC
Input step 40 to 17VDC
+180
-600
400
400
+300
1000
800
800
+180
-600
400
400
+500
-1500
800
800
+180
-600
400
400
+500
-1500
800
800
mVpk
mVpk
µsec
µsec
TURN –ON
Overshoot
Delay
3
V
IN = 17 to 40VDC
I
OUT = 0 to Full Load
0
8
550
10
300
8
600
10
300
8
500
10
mVpk
msec
Load Fault Recovery
4
V
IN = 17 to 40VDC
8
10
8
10
8
10
msec
Weight
Standard Package
Flange Package
55
58
55
58
55
58
grams
grams
n
Input Voltage
1
-0.5V to 50V
Power Output
Internally limited, 17.5W typical for AHE2805S/HB&CH, 22.5W typical for AHE281XS/HB&CH
Soldering
300°C for 10 seconds
Temp Range
1
Operating -55°C to +125°C case
Storage
-65°C to +135°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com