Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337M Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM337M
Description  MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337M Datasheet(HTML) 2 Page - ON Semiconductor

  LM337M Datasheet HTML 1Page - ON Semiconductor LM337M Datasheet HTML 2Page - ON Semiconductor LM337M Datasheet HTML 3Page - ON Semiconductor LM337M Datasheet HTML 4Page - ON Semiconductor LM337M Datasheet HTML 5Page - ON Semiconductor LM337M Datasheet HTML 6Page - ON Semiconductor LM337M Datasheet HTML 7Page - ON Semiconductor LM337M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM337M
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input–Output Voltage Differential
VI–VO
40
Vdc
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
0 to +125
°C
Storage Temperature Range
Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (|VI – VO| = 5.0 V, IO = 0.1; TJ = Tlow to Thigh [Note 1], Pmax per Note 2, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3)
TA = 25°C, 3.0 V ≤ |VI–VO| ≤ 40 V
1
Regline
–
0.01
0.04
%/V
Load Regulation (Note 3)
TA = 25°C, 10 mA ≤ IO ≤ 0.5 A
|VO| ≤ 5.0V
|VO| ≥ 5.0V
2
Regload
–
–
15
0.3
15
1.0
mV
%/VO
Thermal Regulation
10 ms Pulse, TA = 25°C
–
Regtherm
–
0.03
0.04
% VO/W
Adjustment Pin Current
3
IAdj
–
65
100
µA
Adjustment Pin Current Change
2.5 V
≤ |VI–VO| ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A,
PD ≤ Pmax, TA = 25°C
1, 2
∆IAdj
–
2.0
5.0
µA
Reference Voltage
3.0 V
≤ |VI–VO| ≤ 40 V, 10 mA ≤ IO ≤ 0.5 A,
PD ≤ Pmax, TA = 25°C
Tlow to Thigh
3
Vref
–1.213
–1.20
–1.250
–1.25
–1.287
–1.30
V
Line Regulation (Note 3)
3.0 V
≤ |VI–VO| ≤ 40 V
1
Regline
–
0.02
0.07
%/V
Load Regulation (Note 3)
10 mA
≤ IO ≤ 0.5 A
|VO| ≤ 5.0 V
|VO| ≥ 5.0 V
2
Regload
–
–
20
0.3
70
1.5
mV
%/VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
–
0.6
–
%/VO
Minimum Load Current to Maintain Regulation
(|VI–VO| ≤ 10 V)
(|VI–VO| ≤ 40 V)
3
ILmin
–
–
1.5
2.5
6.0
10
mA
Maximum Output Current
|VI–VO| ≤ 15 V, PD ≤ Pmax
|VI–VO| ≤ 40 V, PD ≤ Pmax, TJ = 25°C
3
Imax
0.5
0.1
0.9
0.25
–
–
A
RMS Noise, % of VO
TA = 25°C, 10 Hz ≤ f ≤ 10 kHz
–
N
–
0.003
–
%/VO
Ripple Rejection, VO = –10 V, f = 120 Hz (Note 4)
Without CAdj
CAdj = 10 µF
4
RR
–
66
60
77
–
–
dB
Long Term Stability, TJ = Thigh (Note 5)
TA = 25°C for Endpoint Measurements
3
S
–
0.3
1.0
%/1.0 k
Hrs
Thermal Resistance, Junction–to–Case
–
R
ΘJC
–
7.0
–
°C/W
NOTES: 1. Tlow to Thigh = 0° to +125°C
2. Pmax = 7.5 W
3 Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
4. CAdj, when used, is connected between the adjustment pin and ground.
5. Since Long Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability
from lot to lot.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com