Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMDIP2004L167B1U Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # AMDIP2004L167B1U
Description  Low Profile Thickness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMDIP2004L167B1U Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  AMDIP2004L167B1U Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMDIP2004L167B1U Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMDIP2004L167B1U Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMDIP2004L167B1U Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMDIP2004L167B1U Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMDIP2004L167B1U Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Approval sheet
Page 1 of 6
ASC_AMDIP2004L167B1U_V01
Jan.2017
AMDIP Series
– 2012(0805)- RoHS Compliance
MULTILAYER CERAMIC DIPLEXER
Halogens Free Product
2.4 GHz & 5 GHz ISM Band RF Application
Automotive
Qualified to AEC-Q200
Preliminary
P/N: AMDIP2004L167B1U
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - AMDIP2004L167B1U

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2004L157B1U WALSIN-AMDIP2004L157B1U Datasheet
585Kb / 6P
Low Profile Thickness
More results

Similar Description - AMDIP2004L167B1U

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS8 ALPS-SSSS8_15 Datasheet
996Kb / 5P
A low-profile slide switch with 1.4mm thickness
logo
Taoglas antenna solutio...
PC240.09.0300K TAOGLAS-PC240.09.0300K Datasheet
935Kb / 15P
Low profile-only 3mm in thickness
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2004L157B1U WALSIN-AMDIP2004L157B1U Datasheet
585Kb / 6P
Low Profile Thickness
AMDIP2012050LP7B1U WALSIN-AMDIP2012050LP7B1U Datasheet
579Kb / 6P
Low Profile Thickness
AMLPF16082G5WM0T29 WALSIN-AMLPF16082G5WM0T29 Datasheet
576Kb / 6P
Low Profile Thickness
KFBPF2012100C67B1U WALSIN-KFBPF2012100C67B1U Datasheet
606Kb / 7P
Low Profile Thickness
KFDIP2004L19T WALSIN-KFDIP2004L19T Datasheet
290Kb / 3P
Low Profile Thickness
RFBPB2012090AY7N3T WALSIN-RFBPB2012090AY7N3T Datasheet
196Kb / 3P
Low Profile Thickness
RFBPB2012090AYT WALSIN-RFBPB2012090AYT Datasheet
196Kb / 3P
Low Profile Thickness
RFBPF2012090A0T WALSIN-RFBPF2012090A0T Datasheet
587Kb / 7P
Low Profile Thickness
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com