Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGFRA1903041A1T Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RGFRA1903041A1T
Description  Allow placing other components besides antenna or on the backside of PCB right underneath antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RGFRA1903041A1T Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RGFRA1903041A1T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RGFRA1903041A1T Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Approval sheet
Page 3 of 12
ASC_RGFRA1903041A1T_V08
Dec. 2013
FEATURES
1.
Surface Mounted Devices with a small dimension of 19 x 3 x 4 mm
3 .
2.
Able to be placed above/on ground plane. No external keep-out zone (empty space) required, which
relatively save more space on PC board.
3.
Allow placing other components besides antenna or on the backside of PCB right underneath antenna.
4.
No sensitive to environmental includes hand effects. Ideal for Handheld devices application.
APPLICATIONS
1.
Bluetooth, ISM 2.4GHz in samrt phone, PDA and other handheld devices.
2.
ISM band 2.4GHz applications
DESCRIPTION
Walsin Technology Corporation develops a new antenna specified for 2.4 GHz ISM Band application, as shown in below
“CONSTRUCTION”. It’s application typically located on this unlicensed frequency band which range covers from 2.4GHz to
2.4835GHz. To fulfill the friendly usage for antenna, this antenna has been designed to no empty space required and no
sensitive to environmental through Walsin’s superior product design via 3D EM Simulation Skill.
CONSTRUCTION
Fig 1. Outline of Free Antenna – RGFRA1403041A1T
DIMENSIONS
Figure
Dimension (mm)
Port definition
L
19.0 ± 0.15
-
W
3.0 ± 0.15
-
T
4.0 ± 0.20
-
Pw
3.0 ± 0.10
Pad width
P1
1.0 ± 0.10
Soldering terminal
P2
1.0 ± 0.10
Soldering terminal
P3
1.0 ± 0.10
Feed terminal
P4
1.0 ± 0.10
Ground terminal
PIN
Definition
P1
Soldering
P2
Soldering
P3
Feed
P4
Gronud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com