Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-LCD01F4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF10-LCD01F4
Description  10 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F4 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF10-LCD01F4 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F4 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F4 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F4 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F4 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF10-LCD01F1
5/6
250µm ± 40
650µm ± 65
2.64mm ± 50µm
315µm ± 50
500µm ± 50
PACKAGE MECHANICAL DATA
FLIP CHIP
545
400
x
y
x
w
x
w
Dot, ST logo
xxx = marking
yww = datecode
(y = year
ww = week)
All dimensions in µm
MARKING
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 315µm copper pad diameter
FOOT PRINT RECOMMENDATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com