Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB12TAPR Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SB12TAPR
Description  SB12T Series Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SB12TAPR Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SB12TAPR Datasheet HTML 1Page - Banner Engineering Corp. SB12TAPR Datasheet HTML 2Page - Banner Engineering Corp. SB12TAPR Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Sensing Beam
880 nm Invisible IR beam
Sensing Range
1.5 m (59 in)
Supply Voltage
10 V dc to 30 V dc; less than 15 mA exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient over voltages
Delay at Power-up
Less than 1 second
Output Configuration
One solid state output, NPN or PNP, depending on model
Output Rating
100 mA
OFF-state leakage current: < 10 µA
ON-state saturation voltage: < 0.2 V at 10 mA; < 0.6 V at 100 mA
Output Protection Circuitry
Protected against output short circuit, continuous overload, and transient
over voltages
Output Response Time
2.5 ms ON, 1.75 ms OFF
Repeatability
350 µs
Switching Frequency
235 Hz
Indicators
Green Power LED (emitter and receiver):
•
On indicates power on
•
Flashing indicates output short circuited (receiver only)
Amber Output LED (receiver only):
•
On indicates light sensed
•
Flashing indicates marginal excess gain (1.0 to 1.5× excess gain)
Construction
ABS housing; polycarbonate lens; epoxy encapsulant, PVC jacketed cable
Environmental rating
IEC IP67
Connections
2 m (6.5 ft) cable or 150 mm (6 in) cable with M8 threaded connection
Operating Conditions
–20 °C to +50 °C (–4 °F to +122 °F)
Certifications
Dimensions
Beam Pattern
DISTANCE
SB12T
Opposed Mode
1.2 m
48"
1.6 m
64"
2.0 m
80"
0.8 m
32"
0.4 m
16"
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2"
4"
6"
2"
4"
6"
Figure 1. Effective Beam Ø: 8.3 mm
SB12T Series Sensor
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 147032 Rev. D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com