Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI3RC2 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # CI3RC2
Description  SMI30 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CI3RC2 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  CI3RC2 Datasheet HTML 1Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 2Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 3Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 4Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 5Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 6Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 7Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OUT
BROWN
BLACK
BUSBAR
+
-
2
3
I.S.
+
-
-
+
3
2
1
Safe area
Hazardous area
Barriers not required for Div 2
30 V dc max. (See General Notes and Conditions
for Safe Use)
≤ 10 mA (OFF state)
≥ 20 mA (ON state)
Sensor
Barrier
IN
V
SMI30 Series Sensor Bottom view
(colors shown are for mating
cordset MBCC-312)
Blue
Operating voltage
18–30 V dc
25 mA dc
Earth ground
(less than 1 ohm)
G
Black
Brown
Figure 2. Wiring for 2-Wire Connections
SMI30 Specifications
Supply Voltage and Current
Emitters: 10 to 30 V dc at 25 mA
Receivers: 10 to 30 V dc at 15 mA max. Division 1 use, with barriers, requires
minimum system supply voltage of 10 V. See Wiring Connections on page 3.
Sensing Beam
880 nanometers, infrared; effective beam size 0.75 inch diameter.
Indicator
Internal red LED lights whenever the receiver sees its modulated light source.
Emitters have red "power on" indicator LED. All indicators are visible through
the lens or from side of the sensor.
Construction
Banner tested to NEMA 6P, IEC IP67.
30 mm diameter tubular threaded PBT housing, positive sealing at both ends;
quad-ring sealed acrylic lens. Electronics are fully epoxy encapsulated. Two PBT
jam nuts are provided.
Mounting Alternatives
30 mm clearance hole
SMB30C split clamp mounting bracket; SMB30MM two-axis mounting bracket;
SMB30S swivel mounting bracket. See APG30S Aperture Kit on page 6
Cable
Three-wire mini-type QD cable (12 ft. long model SMICC-312 or 30 ft. long
model SMICC-330).
Cable electrical properties: 40 pf/ft.; 0.20 μH/ft.
Order cable separately from sensor.
Application Note
Special Conditions for Safe Use: Parts of the enclosure are non-conducting and
may generate an ignition-capable level of ESD. Cleaning of the equipment must
be done only with a damp cloth.
Output Rating
Receivers only: Current sinking NPN open-collector transistor. Three-wire
hookup sinks 15 mA maximum continuous, 10 to 30 V dc. Two-wire hookup
sinks ≤10 mA (OFF state) and ≥20 mA (ON state), 10 to 30 V dc. Outputs are
short-circuit protected.
Response Time
10 milliseconds on/off (models with 1 ms response are available by special
order)
Repeatability
See excess gain curve. Response Time and Repeatability specifications are
independent of signal strength.
Operating Temperature
−40 °C to +70 °C (−40 °F to +158 °F)
Certifications
1725
IEC IECEx FMG 14.0029X
ATEX FM12ATEX0094X
FM CoC 0003046293 (US)
FM CoC 0003046293C (CAN)
Design Standards
ATEX (European)
EN 60079-0, EN 60079-11 and EN 60079-26
Canada
CAN/CSA C22.2: No.0-M91, No.142-M1987, No.157-92, No.213-M1987, No.1010.1, E60079-0 and E60079-11
United States
FM Class 3600, 3610, and 3810; ANSI/ISA 61010-1 (82.02.01), 60079-0 and 60079-11
IECEx
IEC 60079-0, IEC 60079-11
SMI30 Series Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 35331 Rev. H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com