Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T18RW3LP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # T18RW3LP
Description  T18 Series Sensors (AC Voltage)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

T18RW3LP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  T18RW3LP Datasheet HTML 1Page - Banner Engineering Corp. T18RW3LP Datasheet HTML 2Page - Banner Engineering Corp. T18RW3LP Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-pin Micro-style QD Emitters
All Other Micro-style QD Models
20-250 V ac
No Connection
rd/wh
rd/bk
rd
gn
20-250 V ac
No Connection
Load
rd/wh
rd
rd/bk
gn
Dimensions
Cabled Models
QD Models
51.5 mm
(2.03")
ø 40.0 mm
(1.57")
Jam Nut
(Supplied)
11.5 mm
(0.45")
M18 x 1
Thread
ø 15 mm
(0.59")
30.0 mm
(1.18")
Green LED
Power Indicator
Yellow LED
Output Indicator
66.5 mm
(2.62")
ø 40.0 mm
(1.57")
Single-turn
Sensitivity (Gain) Control
(D and L Models)
Specifications
Supply Voltage and Current
20 to 250 V ac (50/60 Hz)
Average current: 20 mA
Peak current: 200 mA at 20 V ac, 500 mA at 120 V ac, 750 mA at 250 V ac
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPST solid-state ac switch; Three-wire connections; Choose light operate or
dark operate models
Light Operate: Output conducts when sensor sees its own (or the emitter’s)
modulated light
Dark Operate: Output conducts when the sensor sees dark
Output Rating
300 mA maximum (continuous)
Fixed-field models: derate 5 mA/°C above +50 °C (+122 °F)
Inrush Capability 1 amp for 20 milliseconds, non-repetitive
OFF-state leakage current: < 100 microamps
ON-state saturation voltage: 3 V at 300 mA ac; 2 V at 15 mA ac
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
Opposed mode models: 16 ms ON, 8 ms OFF
Other models: 16 ms ON and OFF
NOTE: 100 ms delay on power-up
Repeatability
Opposed mode models: 2 ms
Other models: 4 ms
Repeatability and response are independent of signal strength.
Adjustments
Non-polarized retroreflective and diffuse models (only) have a single-turn rear-
panel sensitivity control (turn clockwise to increase gain)
Indicators
Two LEDs (green and amber)
Green on: power to sensor is on
Amber on: sensor sees light
Amber flashing: excess gain marginal (1 to 1.5×) in light condition
Construction
Housing: PBT polyester housing
Lens: polycarbonate (opposed-mode) or acrylic (other models)
Connections
2 m (6.5 ft) integral cable; 9 m (30 ft) integral cable; or 4-pin Micro-style quick-
disconnect fitting
T18 Series Sensors (AC Voltage)
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 116164 Rev. C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com