Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3AP5XLP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # VS3AP5XLP
Description  VS3 Series Retroreflective Mode Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

VS3AP5XLP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  VS3AP5XLP Datasheet HTML 1Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 2Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 3Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 4Page - Banner Engineering Corp. VS3AP5XLP Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VS3 Series Retroreflective Mode
page
2
Banner Engineering Corp. • Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
VS3 Series Specifications
Supply Voltage and Current
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPST solid-state switch
Choose NPN (current sinking) or PNP (current sourcing) models
Choose light operate (N.O.) or dark operate (N.C.) models
Output Rating
50 mA maximum
OFF-state leakage current: < 1 microamp at 24V dc
ON-state saturation voltage: < 0.25V at 10 mA dc; < 0.5V at 50 mA dc
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short circuit of outputs
Overload trip point
≥ 100 mA
Output Response Time
1 millisecond ON and OFF
(NOTE: 150 millisecond delay maximum on power-up: output does not conduct during this time)
Indicators
Two LEDs: Green and Yellow
Green ON steady: power to sensor is ON
Green flashing: output overload
Yellow ON steady: light is sensed
Repeatability
160 microseconds
Construction
XLV Models: Black ABS housing with acrylic lens
XLP Models: Black ABS housing with glass lens and acrylic cover
Environmental Rating
IEC IP67; NEMA 6
Connections
2 m (6.5') attached cable: three #28 ga stranded conductors with PE insulation; PVC outer cable jacket; or
3-pin Pico-style threaded quick-disconnect fitting. QD cables are ordered separately.
Operating Conditions
Temperature: -20° to +55°C (-4° to +131°F)
Maximum Relative Humidity: 80% at 50°C (non-condensing)
Vibration and
Mechanical Shock
Vibration: All models meet IEC 60068-2-6, IEC 60947-5-2, UL491 Section 40, MIL-STD-202F Method 201A;
10 to 60 Hz, 0.5 mm peak to peak
Shock: All models meet IEC 60068-2-27, IEC 60947-5-2; 30g peak acceleration, 11 millisecond pulse
duration, half-sine wave pulse shape
10 to 30V dc (10% maximum ripple) at less than 25 mA (exclusive of load)
Certifications
Application Notes
M3 stainless steel mounting hardware included. Optional mounting brackets are available (page 4).
VS3 Series Overview
VS3 Series miniature self-contained sensors are designed for retroreflective sensing
in small areas previously accessible only to remote or fiber optic models. Typical
applications include mounting on small feeder tracks, packaging machines, and
conveyors, where larger sensors will not fit.
The coaxial optics of the VS3 allow the retroreflective target to be placed as close to
the sensor lens as needed – there is no “blind” response area, as is typical of most
retroreflective sensors. The VS3 is supplied with a Banner model BRT32X20AM
retroreflective target (see right). The specifications shown on page 1 assume use of
this target.
Other retroreflective materials may be substituted. For example, using the standard
BRT-3 target, the range becomes 400 mm (16"); standard BRT-THG retroreflective
tape yields a 150 mm (6") range. Contact Banner Engineering for sensing
performance when using other retroreflective targets.
20 mm
(0.8")
26 mm
(1.0")
32 mm
(1.1")
ø3.5 mm
(0.14")
2.0 mm
(0.08")
3.0 mm
(.12")
20 mm
(0.8")
Figure 1. Retroreflective target, model
BRT-32X20AM (supplied with
each sensor)
Maximum Temperature: 65°C (150°F)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com