Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA04P005XHTL Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA04P005XHTL
Description  Mounting occupation area reduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA04P005XHTL Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WA04P005XHTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Approval sheet
Page 4 of 6
ASC_WA04P_V14
Feb. 2012
code
0
X
1
Y
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
dB
0
0
.
5
1
1
.
5
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
2
0
FUNCTIONAL DESCRIPTION
Product characterization
Standard attenuation values include 0, 0.5dB to 20dB with a tolerance as defined in quick reference data.
CATALOGUE NUMBERS AND PACKAGING
The attenuators have a catalogue number starting with .
WA04
P
001
X
B
T
L
Size code
WA04 :
0402 per element
Type code
P : convex,
π type
attenuator
Attenuation code
000 = 0dB
001 = 1dB
005 = 5dB
010 = 10dB
020 = 20dB
R05 = 0.5dB
R15 = 1.5dB
Impedance
X : 50
Ω
Tolerance
A :
±0.1dB
B :
±0.3dB
C :
±0.4dB
D :
±0.8dB
E :
±1.0dB
F :
±1.5dB
G :
±2.0dB
H :
±2.5dB
P : -
Packaging code
T : 7” reel taped
Termination code
L = Sn base
(lead free)
Packaging : 8mm width paper taping 10,000pcs per reel.
SOLDERING CONDITION
The robust construction of chip resistors
allows them to be completely immersed in a
solder bath of 260
°C for 10 seconds.
Therefore, it is possible to mount Surface
Mount Resistors on one side of a PCB and
other discrete components on the reverse
(mixed PCBs).
Surface Mount Resistors are tested for
solderability at 235
°C during 2 seconds. The
test condition for no leaching is 260
°C for 30
seconds. Typical examples of soldering
processes that provide reliable joints without
any damage are given in Fig 3.
Fig 3. Infrared soldering profile



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com