Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSP10N60B2D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSP10N60B2D1
Description  High Speed IGBT with Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP10N60B2D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSP10N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXSA 10N60B2D1
IXSP 10N60B2D1
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ. max.
V
F
I
F = 10A, VGE = 0 V
T
J =150°C
1.66
V
2.66
V
I
RM
I
F = 12A, VGE = 0 V, -diF/dt = 100 A/µs
T
J = 100°C
1.5
A
t
rr
V
R = 100 V
T
J = 100°C90
ns
t
rr
I
F = 1 A; -di/dt = 100 A/µs; VR = 30 V
25
ns
R
thJC
2.5 K/W
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C = 10A; VCE = 10 V, Note 1
2.0
3.6
S
C
ies
400
pF
C
oes
V
CE = 25 V, VGE = 0 V
50
pF
C
res
f = 1 MHz
11
pF
Q
g
17
nC
Q
ge
I
C = 10A, VGE = 15 V, VCE = 0.5 VCES
6nC
Q
gc
7.5
nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
180
ns
t
fi
165
ns
E
off
430
750
µJ
t
d(on)
30
ns
t
ri
30
ns
E
on
0.32
mJ
t
d(off)
260
ns
t
fi
270
ns
E
off
790
µJ
R
thJC
1.25 K/W
R
thCS
TO-220
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 10A, VGE = 15 V
V
CE = 0.8 VCES, RG = 30 Ω
Switching times may increase for V
CE
(Clamp) > 0.8 • V
CES, higher TJ or
increased R
G
Inductive load, T
J = 125°
°°°°C
I
C = 10 A, VGE = 15 V
V
CE = 0.8 VCES, RG = 30 Ω
Switching times may increase for
V
CE (Clamp) > 0.8 • VCES, higher TJ
or increased R
G
TO-220 AB (IXSP) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
13.97
0.500
0.550
B
14.73
16.00
0.580
0.630
C
9.91
10.66
0.390
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F
2.54
3.18
0.100
0.125
G
1.15
1.65
0.045
0.065
H
2.79
5.84
0.110
0.230
J
0.64
1.01
0.025
0.040
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
1.14
1.39
0.045
0.055
Q
0.35
0.56
0.014
0.022
R
2.29
2.79
0.090
0.110
Note 1: Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 %
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
IXYS reserves the right to change limits, test conditions, and dimensions.
TO-263 (IXSA) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com