Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-930/883 Datasheet(PDF) 1 Page - DATEL, Inc.

Part # ADS-930/883
Description  Sampling A/D Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

ADS-930/883 Datasheet(HTML) 1 Page - DATEL, Inc.

  ADS-930/883 Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADS-930/883, Sampling A/D Converters
Specifications
Resolution
16 Bit
Number of Channels
1
Sampling Rate
0.5 MHz
Power Consumption
3.5 W
Differential Non-Linearity Error/Other
1.0 LSB
Integral Non-Linearity Error/Other
1.5 LSB
Package Type
TDIP
Input Range 1st (min)
-10 V
Input Range 1st (max)
0 V
Input Range 2nd (min)
-5 V
Input Range 2nd (max)
5 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Total Harmonic Distortion
-89 dB
Signal to Noise Ratio
83 dB
Analog Bandwidth
2 MHz
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
RoHS
No
Status
Recommended for new design
16 Bit, 500kHz (500KSPS), Sampling Analog to Digital (A/D) Converter. ±5V Input range, no pipeline delay,
on board FIFO, -55°C to +125°C temperature range, High Reliability 883 Screening.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/19/2019 | Page 1 of 1


Similar Part No. - ADS-930/883

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-930-C/883 DATEL-ADS-930-C/883 Datasheet
107Kb / 1P
Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930MC ETC1-ADS-930MC Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
More results

Similar Description - ADS-930/883

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-112MM DATEL-ADS-112MM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AME DATEL-ADS-118AME Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AMM DATEL-ADS-118AMM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119G-C883 DATEL-ADS-119G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119GE DATEL-ADS-119GE Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119MC-C DATEL-ADS-119MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119ME-C DATEL-ADS-119ME-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-916GE DATEL-ADS-916GE Datasheet
106Kb / 1P
Sampling A/D Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com