Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59PW064 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M59PW064
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW064 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M59PW064 Datasheet HTML 16Page - STMicroelectronics M59PW064 Datasheet HTML 17Page - STMicroelectronics M59PW064 Datasheet HTML 18Page - STMicroelectronics M59PW064 Datasheet HTML 19Page - STMicroelectronics M59PW064 Datasheet HTML 20Page - STMicroelectronics M59PW064 Datasheet HTML 21Page - STMicroelectronics M59PW064 Datasheet HTML 22Page - STMicroelectronics M59PW064 Datasheet HTML 23Page - STMicroelectronics M59PW064 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
M59PW064
20/24
PACKAGE MECHANICAL
Figure 12. SO44 - 44 lead Plastic Small Outline, 500 mils body width, Package Outline
Note: Drawing is not to scale.
Table 13. SO44 - 44 lead Plastic Small Outline, 500 mils body width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A3.00
0.118
A1
0.10
0.004
A2
2.69
2.56
2.79
0.106
0.101
0.110
b
0.35
0.50
0.014
0.020
c
0.18
0.28
0.007
0.011
D
28.50
28.37
28.63
1.122
1.117
1.127
ddd
0.10
0.004
E
16.03
15.77
16.28
0.631
0.621
0.641
E1
12.60
12.47
12.73
0.496
0.491
0.501
e
1.27
–
–
0.050
–
–
L
0.79
0.031
L1
1.73
0.068
θ
8°
8°
N44
44
E1
44
e
D
c
E
1
22
23
b
SO-F
L
A1
A
ddd
A2
θ
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com