Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P100JTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P100JTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P100JTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P100JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P100JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval sheet
Page 3 of 9
ASC_WFxxP_V03
MAR - 2017
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF25P
WF20P
WF10P
WF12P
WF08P
WF06P
WF04P
Size code
2512
(6432)
2010
(5025)
1210
(3225)
1206
(3216)
0805
(2012)
0603
(1608)
0402
(1005)
Resistance
Tolerance
1%, 0.5%, 0.1% ( E24+E96),
5% (E24)
Resistance
Range
0Ω,1
 ~ 1M
0Ω,1
 ~ 10M
0Ω,1
 ~ 1M
TCR (ppm/
C)
10 ~ 1M
< 10
±100
±100
±100
±100
±100
±100
±100
±200
±100
±150
±100
±150
±100
-200/+400
Max.
dissipation at
Tamb=70C
2 W
1 W
1/2 W
1/2W
1/4 W
1/8 W
1/8 W
Max.
Operation
Voltage
300V
200V
200V
200V
150V
50V
50V
Max. Overload
Voltage
500V
400V
400V
400V
300V
100V
100V
Operation
Temperature
- 55/+155
’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
3.
2W loading with total solder-pad and trace size of 300 mm
2
TEST CONDITION FOR JUMPER (0
)
Item
WF25P
WF20P
WF10P
WF12P
WF08P
WF06P
WF04P
Power Rating
2W
1W
1/2W
1/2W
1/4W
1/8W
1/8W
Resistance
Max. 20m
Max. 20m
Max. 20m
Max. 20m
 Max. 20m Max. 20m Max. 50m
Rated Current
10A
7A
5A
5A
4A
2A
1.5A
Peak Current
25A
17.5A
12.5A
12.5A
10A
5A
3.8A
Operating
Temperature
-55 ~ +155
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com