Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P102FTL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P102FTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P102FTL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P102FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P102FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Approval sheet
Page 6 of 9
ASC_WFxxP_V03
MAR - 2017
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.
SOLDERING CONDITION
The robust construction of chip resistors allows
them to be completely immersed in a solder bath
of 260
C for 10 seconds. Therefore, it is possible
to mount Surface Mount Resistors on one side of
a PCB and other discrete components on the
reverse (mixed PCBs).
Surface
Mount
Resistors
are
tested
for
solderability at 235
C during 2 seconds. The test
condition for no leaching is 260
C for 30 seconds.
Typical examples of soldering processes that
provide reliable joints without any damage are
given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WF25
P
102
J
T
L
Size code
WF25
: 2512
WF20
: 2010
WF12
: 1206
WF10
: 1210
WF08
: 0805
WF06
: 0603
WF04
: 0402
Type code
P :Power
2512 size = 2W
2010 size = 1W
1206 size = 1/2W
1210 size = 1/2W
0805 size = 1/4W
0603 szie = 1/8W
0402 size = 1/8W
Resistance code
5% E24: 2 significant digits
followed by No. of
zeros
e.g.:
3ohm
=3R0
10ohm
=100
56Kohm
=563
1%
E24+E96:3
significant
digits
followed by No. of zeros
100
=1000
37.4K
=3742
Tolerance
J :
5%
F :
1%
D :
0.5%
B :
0.1%
P : Jumper
Packaging
code
T
: 7” Reel
taping
E : 7
” Reel up
side down
taping
Termination
code
L = Sn base
(lead free)
Tape packaging
WF12, WF10, WF08, WF06 : 8mm width paper taping 5,000pcs per reel.
WF04: 8mm width paper taping 10,000pcs per reel.
WF25, WF20:
12mm width plastic taping 4,000pcs per reel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com