Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NC60H Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD7NC60H
Description  N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NC60H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD7NC60H Datasheet HTML 2Page - STMicroelectronics STGD7NC60H Datasheet HTML 3Page - STMicroelectronics STGD7NC60H Datasheet HTML 4Page - STMicroelectronics STGD7NC60H Datasheet HTML 5Page - STMicroelectronics STGD7NC60H Datasheet HTML 6Page - STMicroelectronics STGD7NC60H Datasheet HTML 7Page - STMicroelectronics STGD7NC60H Datasheet HTML 8Page - STMicroelectronics STGD7NC60H Datasheet HTML 9Page - STMicroelectronics STGD7NC60H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STGP7NC60H - STGD7NC60H
6/12
Figure 15: Thermal Impedance for TO-220
Figure 16: Thermal Impedance for DPAK
Figure 17: Turn-Off SOA
Figure 18: Ic vs Frequency
For a fast IGBT suitable for high frequency appli-
cations, the typical collector current vs. maximum
operating frequency curve is reported. That fre-
quency is defined as follows:
fMAX = (PD - PC) / (EON + EOFF)
1) The maximum power dissipation is limited by
maximum junction to case thermal resistance:
PD = ∆T / RTHJ-C
considering
∆T = TJ - TC = 125 °C- 75 °C = 50°C
2) The conduction losses are:
PC = IC * VCE(SAT) * δ
with 50% of duty cycle, VCESAT typical value
@125°C.
3) Power dissipation during ON & OFF commuta-
tions is due to the switching frequency:
PSW = (EON + EOFF) * freq.
4) Typical values @ 125°C for switching losses are
used (test conditions: VCE = 390V, VGE = 15V,
RG = 3.3 Ohm). Furthermore, diode recovery en-
ergy is included in the EON (see note 2), while the
tail of the collector current is included in the EOFF
measurements (see note 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com