Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P
Description  R oHS compliant and Lead free products
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Approval sheet
Page 1 of 9
ASC_WFxxP_V03
MAR - 2017
WF25P, WF20P, WF10P, WF12P, WF08P,
WF06P, WF04P
5%, 1%, 0.5%, 0.1% 1Ω ~ 10MΩ
Thick Film High Power Chip Resistors
Size 2512 2W, 2010 1W, 1210 1/2W,
1206 1/2W, 0805 1/4W, 0603 1/8W, 0402 1/8W
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WF10P

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF10P1000BEL WALSIN-WF10P1000BEL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000BTL WALSIN-WF10P1000BTL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000DEL WALSIN-WF10P1000DEL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000DTL WALSIN-WF10P1000DTL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000FEL WALSIN-WF10P1000FEL Datasheet
620Kb / 9P
High power rating and compact size
More results

Similar Description - WF10P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
RoHS compliant and lead free
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
RoHS Compliant and Lead free
MAVR-0454XX MA-COM-MAVR-0454XX Datasheet
537Kb / 4P
Lead free and RoHS Compliant
logo
Abracon Corporation
ACSB-05-T ABRACON-ACSB-05-T Datasheet
1Mb / 2P
RoHS Compliant and lead free
09.29.13
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
RoHS compliant and Halogen free and Lead free products
WF04P WALSIN-WF04P Datasheet
513Kb / 8P
RoHS exemption free and Lead free products
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
Lead-Free and RoHS Compliant
Rev 0; 10/08
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
RoHS compliant and lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com