Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL640H Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29DL640H
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29DL640H Datasheet HTML 14Page - Advanced Micro Devices AM29DL640H Datasheet HTML 15Page - Advanced Micro Devices AM29DL640H Datasheet HTML 16Page - Advanced Micro Devices AM29DL640H Datasheet HTML 17Page - Advanced Micro Devices AM29DL640H Datasheet HTML 18Page - Advanced Micro Devices AM29DL640H Datasheet HTML 19Page - Advanced Micro Devices AM29DL640H Datasheet HTML 20Page - Advanced Micro Devices AM29DL640H Datasheet HTML 21Page - Advanced Micro Devices AM29DL640H Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
16
Am29DL640H
February 9, 2005
If the system asserts V
IH on the WP#/ACC pin, the de-
vice reverts to whether sectors 0, 1, 140, and 141
were last set to be protected or unprotected. That is,
sector protection or unprotection for these sectors de-
pends on whether they were last protected or unpro-
tected using the method described in “Sector/Sector
Block Protection and Unprotection”.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Table 7.
WP#/ACC Modes
Temporary Sector Unprotect
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table
6).
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Temporary Sector Unprotect mode is activated by set-
ting the RESET# pin to V
ID. During this mode, formerly
protected sectors can be programmed or erased by
selecting the sector addresses. Once V
ID is removed
from the RESET# pin, all the previously protected sec-
tors are protected again. Figure 1 shows the algo-
rithm, and Figure 25 shows the timing diagrams, for
this feature. If the WP#/ACC pin is at V
IL, sectors 0, 1,
140, and 141 will remain protected during the Tempo-
rary sector Unprotect mode.
Figure 1.
Temporary Sector Unprotect Operation
WP# Input
Voltage
Device
Mode
V
IL
Disables programming and erasing in
SA0, SA1, SA140, and SA141
VIH
Enables programming and erasing in
SA0, SA1, SA140, and SA141,
dependent on whether they were last
protected or unprotected.
V
HH
Enables accelerated programming
(ACC). See “Accelerated Program
Operation” on page 9.
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP#/ACC = VIL,
sectors 0, 1, 140, and 141 will remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com