Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P1002JTLJ Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P1002JTLJ
Description  Automotive grade AEC Q-200 compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P1002JTLJ Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P1002JTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Approval sheet
Page 5 of 8
ASC_WFxxP_J_V03
DEC 2016
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E96&E24 series for resistors with a tolerance of
±1%,±5%. The values of the E96/E24 series are in accordance with “IEC publication 60063”.
Derating
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.
SOLDERING CONDITION
The robust construction of chip resistors allows
them to be completely immersed in a solder bath
of 260
°C for 10 seconds. Therefore, it is possible
to mount Surface Mount Resistors on one side of
a PCB and other discrete components on the
reverse (mixed PCBs).
Surface
Mount
Resistors
are
tested
for
solderability at 235
°C during 2 seconds. The test
condition for no leaching is 260
°C for 30 seconds.
Typical examples of soldering processes that
provide reliable joints without any damage are
given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com