Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSN032D Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN032D
Description  SMD Unshielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN032D Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN032D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSN032D Series_V4.0
Nov. Y2017
Electrical Characteristics
WLSN032D Series
Marking
L (uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR ( )
MAX.
Rated
Current
(A)
WLSN032DZ0M1R0PB
BA
1.0
± 20%
100
0.07
2.080
WLSN032DZ0M1R4PB
BC
1.4
± 20%
100
0.09
1.860
WLSN032DZ0M1R8PB
BE
1.8
± 20%
100
0.11
1.800
WLSN032DZ0M2R2PB
CC
2.2
± 20%
100
0.13
1.390
WLSN032DZ0M2R7PB
CH
2.7
± 20%
100
0.14
1.320
WLSN032DZ0M3R3PB
DD
3.3
± 20%
100
0.20
1.250
WLSN032DZ0M3R9PB
DJ
3.9
± 20%
100
0.21
1.200
WLSN032DZ0M4R7PB
EH
4.7
± 20%
100
0.33
1.030
WLSN032DZ0M5R6PB
FG
5.6
± 20%
100
0.35
0.910
WLSN032DZ0M6R8PB
GI
6.8
± 20%
100
0.38
0.850
WLSN032DZ0M8R2PB
IC
8.2
± 20%
100
0.43
0.820
WLSN032DZ0M100PB
KA
10
± 20%
100
0.50
0.740
WLSN032DZ0M120PB
QA
12
± 20%
100
0.65
0.640
WLSN032DZ0M150PB
MA
15
± 20%
100
0.82
0.600
WLSN032DZ0M180PB
RA
18
± 20%
100
0.90
0.540
WLSN032DZ0M220PB
LA
22
± 20%
100
1.14
0.500
WLSN032DZ0M270PB
SA
27
± 20%
100
1.39
0.430
WLSN032DZ0M330PB
NA
33
± 20%
100
1.55
0.400
WLSN032DZ0M390PB
PA
39
± 20%
100
2.15
0.370
WLSN032DZ0M470PB
OA
47
± 20%
100
2.44
0.360
WLSN032DZ0M560PB
UA
56
± 20%
100
2.68
0.310
WLSN032DZ0M680PB
VA
68
± 20%
100
3.05
0.300
WLSN032DZ0M820PB
XA
82
± 20%
100
3.48
0.280
WLSN032DZ0M221PB
LB
220
± 20%
100
6.30
0.200
WLSN032DZ0M471PB
OB
470
± 20%
100
14.00
0.090
TEST INSTRUMENT: HP4284A、
、
、
、CHROMA 3302/1320/16502
*
*
*
*Inductance drops no more than 10 % of initial value at rated current ,temperature rises △
△
△
△t< 40℃
℃
℃
℃.
*
*
*
*MSL:
:
:
:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com