Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3244QS Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3244QS
Description  8-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3244QS Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3244QS Datasheet HTML 1Page - ON Semiconductor 74FST3244QS Datasheet HTML 2Page - ON Semiconductor 74FST3244QS Datasheet HTML 3Page - ON Semiconductor 74FST3244QS Datasheet HTML 4Page - ON Semiconductor 74FST3244QS Datasheet HTML 5Page - ON Semiconductor 74FST3244QS Datasheet HTML 6Page - ON Semiconductor 74FST3244QS Datasheet HTML 7Page - ON Semiconductor 74FST3244QS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 1
1
Publication Order Number:
74FST3244/D
74FST3244
8−Bit Bus Switch
The ON Semiconductor 74FST3244 is an 8−bit, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of two 4−bit switches with separate
Output/Enable (OE) pins. Port A is connected to Port B when OE is
low. If OE is high, the switch is high Z.
Features
R
ON
t 4 W Typical
Less Than 0.25 ns−Max Delay Through Switch
Nearly Zero Standby Current
No Circuit Bounce
Control Inputs are TTL/CMOS Compatible
Pin−For−Pin Compatible with QS3244, FST3244, CBT3244
All Popular Packages: QSOP−20, TSSOP−20, SOIC−20
All Devices in Package TSSOP are Inherently Pb−Free*
OE1
1A1
2B1
1A2
2B2
2B3
1A0
VCC
2A3
1B2
2A2
1B1
1B0
OE2
1
2
3
4
5
6
7
20
19
18
17
16
15
14
Figure 1. 20−Lead Pinout
1A3
8
2B0
9
GND
10
2A1
13
1B3
12
2A0
11
OE1
L
Inputs
L
H
OE2
L
H
L
HH
1A, 1B
1A = 1B
1A = 1B
Inputs/Outputs
Z
Z
2A, 2B
2A = 2B
Z
2A = 2B
Z
TRUTH TABLE
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Description
PIN NAMES
OE1, OE2
1A, 2A
TSSOP−20
DT SUFFIX
CASE 948E
QSOP−20
QS SUFFIX
CASE 492A
SOIC−20
DW SUFFIX
CASE 751D
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B
Bus B
20
1
FST3244
AWLYYWW
1
20
20
1
FST
3244
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
1
20
FST3244
AWLYWW
20
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
20
1
http://onsemi.com


Similar Part No. - 74FST3244QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3244QS ONSEMI-74FST3244QS Datasheet
199Kb / 7P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3244QSR ONSEMI-74FST3244QSR Datasheet
199Kb / 7P
8?묪it Bus Switch
June, 2006 ??Rev. 2
More results

Similar Description - 74FST3244QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com