Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG5A65PI Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LG5A65PI
Description  Laser Gauging Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LG5A65PI Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LG5A65PI Datasheet HTML 1Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 2Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 3Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 4Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 5Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 6Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 7Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 8Page - Banner Engineering Corp. LG5A65PI Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Overview
Banner’s Class 2 visible laser displacement sensor brings a sophisticated yet cost-effective solution to precision measurement
applications. L-GAGE Series sensors feature all-in-one design and require no separate controller.
The L-Gage Laser Gauging System operates in two modes: TEACH (or programming) and RUN. Near and far sensing window limits are set
quickly using simple push-button or remote signal TEACH-mode programming. One sensor can simultaneously provide both analog and
discrete (switched) outputs. Sensing window limits for each output may be independently programmed. The analog signal features
Banner’s unique scalable output (patent pending), which automatically distributes the output signal over the width of the programmed
sensing window.
The L-GAGE Laser Gauging Sensor boasts many additional features, including selectable response speed, self-diagnostics with alarm
output, comprehensive status indicator system, and unique output “hold” function in case of momentary signal loss in profiling
applications.
Optical Triangulation
The design of the L-GAGE Laser Gauging Sensor is based on optical triangulation. An
emitter transmits visible laser light through a lens, toward a target. The laser light
beam from the emitter bounces off the target, scattering some of its light through
another lens to the sensor’s PSD (position-sensitive device) receiver element. The
target’s distance from the receiver determines the angle the light travels to the
receiver element; this angle in turn determines where the received light will fall
along the PSD receiver element.
The position of the light on the PSD receiver element is processed through analog
and digital electronics and analyzed by the microprocessor, which calculates the
appropriate output value. The analog output provides a variable signal that is
proportional to the target’s position within the user-programmed analog window
limits. The discrete (switched) output energizes whenever the target is located
between the user-programmed discrete window limits. Analog and discrete window
limits may be the same, or programmed independently.
Signal
Conditioning
Circuitry
Microprocessor
Output
Circuitry
Emitter
Circuitry
Laser
Emitter
Lenses
Near
Limit
Target Movement
Programmed
Sensing Window
Far
Limit
PSD Receiver
Element
E
R
Indicators
Signal LED. The Signal LED indicates the strength and condition of the sensor’s incoming signal.
Signal LED Status
Indicates
OFF
No signal is received, or the target is beyond the range limitations of the sensor (with some
tolerance beyond the recommended minimum and maximum sensing distance)
Flashing at 2 Hz
Received signal is adequate for processing
Flashing at 10 Hz
Received signal is in saturation (signal is too strong); alarm output energizes
ON Solid
Received signal is within the nominal conditions for the sensor
Output LED. The Output LED lights when the discrete output is conducting.
Power ON/OFF LED. The Power ON/OFF LED indicates the operating status of the sensor.
Power ON/OFF LED Status
Indicates
OFF
Power is OFF
Flashing at 2 Hz
Discrete or alarm output is overloaded
Flashing at 1 Hz
Power ON, Laser is disabled
ON Solid
Sensor is operating normally (power is ON, Laser enabled)
Power Up/Laser Enable. When powering up the sensor, the following should occur:
• All LEDs turn ON for 1 second
• Allow 1.25 second delay for Laser Enable at power up. (If sensor is already powered up, allow 0.25 second for Laser Enable.)
L-GAGE® LG Laser Gauging Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 59786 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com