Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB30A Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB30A
Description  T30 Series with Analog and Discrete Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB30A Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB30A Datasheet HTML 1Page - Banner Engineering Corp. SMB30A Datasheet HTML 2Page - Banner Engineering Corp. SMB30A Datasheet HTML 3Page - Banner Engineering Corp. SMB30A Datasheet HTML 4Page - Banner Engineering Corp. SMB30A Datasheet HTML 5Page - Banner Engineering Corp. SMB30A Datasheet HTML 6Page - Banner Engineering Corp. SMB30A Datasheet HTML 7Page - Banner Engineering Corp. SMB30A Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Teach First
Limit
Output 2
Limits Only
Teach Second
Limit
Teach First
Limit
Teach First Limits
Teach Second Limits
Push Button Locked out
(or Enabled)
Output 1
Limits Only
Teach Second
Limit
Both Outputs
Together
Push Button
Lockout
(or Enable)
T
> 0.8 sec
> 0.8 sec
T
T
T
T
T
T
T
T
T
T
T
T
T
T
> 0.8 sec
T
T
T
T
0.04 sec < T < 0.8 sec
Figure 2. Timing programs for remote TEACH programming
General Notes on Configuration
• The sensor returns to Run mode if the first TEACH condition is not registered within 120 seconds.
• After the first limit is taught, the sensor remains in Program mode until the TEACH sequence is finished.
• To exit PROGRAM mode without saving any changes, press and hold the programming push button > 2 seconds or hold the Remote line
high > 2 seconds (before teaching the second limit). The sensor reverts to the last saved program.
Configuring Limits for Either Analog or Discrete Output
Note: To exit PROGRAM mode without saving any changes, press and hold the programming push button > 2 seconds or hold
the Remote line high > 2 seconds (before teaching the second limit). The sensor reverts to the last saved program.
1. Choose the output for the first set of window limits (analog or discrete).
Method
Action
Result
Push Button
Press and hold the corresponding button (analog or discrete) until the green Power LED turns
Off and the appropriate amber Output LED turns On.
Power LED: Off
Output LED: On
The sensor is waiting for the first limit.
Remote Input2
No action required; sensor is ready for first limit teach.
None
2. Configure the first limit.
Method
Action
Result
Push Button
a. Position the target for the first limit.
b. Briefly press the same button.
Output LED: On flashing
The sensor is waiting for the second limit.
The first limit is configured.
Remote Input
a. Position the target for the first limit.
b. Configure the first limit.
•
To configure the first discrete limit, pulse the remote input one time.
•
To configure the first analog limit, pulse the remote input two times.
c. Wait > 0.8 seconds.
The first limit is configured.
3. Teach the second limit.
Method
Action
Result
Push Button
a. Position the target for the second limit.
b. Press the button again. The second limit is configured.
Power LED: On
Output LED: Off
The sensor returns to Run mode.
Remote Input
a. Position the target for the second limit (no time out).
b. Pulse the remote input one time to configure the second limit for either discrete or analog.
The second limit is configured.
4. Repeat for the other output (analog or discrete) if a second output is desired.
2 0.04 seconds < T < 0.8 seconds
U-GAGE® T30 Series with Analog and Discrete Outputs
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 57438 Rev. D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com