Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR20W100_FQL Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_FQL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_FQL Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Approval sheet
Page 7 of 7
WR18-20-25X(W)_V17
DEC - 2016
PACKAGING
Plastic Tape specifications (unit :mm)
Type
A
B
W
F
E
WR18
4.90±0.20
3.55±0.30
12.00±0.30
5.50±0.10
1.75±0.10
WR20
5.50±0.20
2.80±0.20
WR25
6.90±0.20
3.60±0.20
Type
P1
P0
D
T
WR18
8.00±0.10
4.00±0.10
1
.
0
0
.
0
50
.
1
1.30±0.20
WR20
4.00±0.10
MAX1.2
WR25
Reel dimensions
(unit : mm)
Symbol
A
B
C
D
7
” Reel
178.0±2.0
60.0±1.0
13.0±0.2
12.4.0±1.00
10
” Reel
254.0±2.0
100.0±1.0
13.0±0.2
14.0±0.20
13
” Reel
330.0±2.0
100.0±1.0
13.0±0.2
14.0±0.20
Taping quantity
WR20, WR25 by plastic tape taping 4,000 pcs per 7
” reel; 8,000pcs per 10” reel; 16,000pcs per 13” reel !
WR18 by plastic tape taping 3,000 pcs per 10
” reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com